Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-81CNQ040APBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-81CNQ040APBF
Description  Schottky Rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-81CNQ040APBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-81CNQ040APBF Datasheet HTML 1Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 2Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 3Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 4Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 5Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 6Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 7Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 8Page - Vishay Siliconix VS-81CNQ040APBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 94595
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Apr-10
1
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 40 A
VS-81CNQ...A PbF Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap module
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• New fully transfer-mold low profile, small footprint, high
current package
• Through-hole versions are currently available for use in
lead (Pb)-free applications (“PbF” suffix)
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION
The center tap Schottky rectifier module has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 40 A
VR
35 V to 45 V
Base
common
cathode
Base
common
cathode
Common
cathode
Anode
2
Anode
1
12
3
Common
cathode
Anode
2
Anode
1
12
3
Anode
2
Anode
1
1
3
D-61-8
VS-81CNQ...APbF
VS-81CNQ...ASMPbF
D-61-8-SM
VS-81CNQ...ASLPbF
D-61-8-SL
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
80
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 μs sine
4600
A
VF
40 Apk, TJ = 125 °C (per leg)
0.54
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-81CNQ035APbF
VS-81CNQ040APbF
VS-81CNQ045APbF
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - VS-81CNQ040APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-81CNQAPBF VISHAY-VS-81CNQAPBF Datasheet
171Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - VS-81CNQ040APBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com