Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75402AC Datasheet(PDF) 5 Page - NEC

Part # UPD75402AC
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75402AC Datasheet(HTML) 5 Page - NEC

  UPD75402AC Datasheet HTML 1Page - NEC UPD75402AC Datasheet HTML 2Page - NEC UPD75402AC Datasheet HTML 3Page - NEC UPD75402AC Datasheet HTML 4Page - NEC UPD75402AC Datasheet HTML 5Page - NEC UPD75402AC Datasheet HTML 6Page - NEC UPD75402AC Datasheet HTML 7Page - NEC UPD75402AC Datasheet HTML 8Page - NEC UPD75402AC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
µPD75402A(A)
44-pin plastic QFP (10
× 10 mm)
P30
P01/SCK
133
P31
P00
232
P32
RESET
331
NC
NC
Note
430
VSS
NC
529
NC
NC
628
NC
NC
727
P33
VDD
826
P60
X1
925
P61
X2
10
24
NC
NC
11
23
12
44
13
43
14
42
15
41
16
40
17
39
18
38
19
37
20
36
21
35
22
34
PD75402AGB(A)-
×××-3B4
µ
Note When the
µPD75402A(A) shares the printed circuit board with the µPD75P402, connect the NC pin
(pin 30) directly to the VSS pin.


Similar Part No. - UPD75402AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75402AC-XXX RENESAS-UPD75402AC-XXX Datasheet
599Kb / 56P
   MOS INTEGRATED CIRCUIT
1989
UPD75402ACT-XXX RENESAS-UPD75402ACT-XXX Datasheet
599Kb / 56P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75402AC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com