Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4440-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4440-5
Description  High Speed, High Voltage, High Side Gate Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440-5 Datasheet(HTML) 4 Page - Linear Technology

  LTC4440-5_15 Datasheet HTML 1Page - Linear Technology LTC4440-5_15 Datasheet HTML 2Page - Linear Technology LTC4440-5_15 Datasheet HTML 3Page - Linear Technology LTC4440-5_15 Datasheet HTML 4Page - Linear Technology LTC4440-5_15 Datasheet HTML 5Page - Linear Technology LTC4440-5_15 Datasheet HTML 6Page - Linear Technology LTC4440-5_15 Datasheet HTML 7Page - Linear Technology LTC4440-5_15 Datasheet HTML 8Page - Linear Technology LTC4440-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC4440-5
4
44405fb
For more information www.linear.com/LTC4440-5
Typical perForMance characTerisTics
VCC Supply Current
vs Temperature
VCC Undervoltage Lockout
Thresholds vs Temperature
BOOST-TS Quiescent Current
vs Temperature
Input (INP) Threshold
vs Temperature
Input Threshold Hysteresis
vs Temperature
Peak Driver (TG) Pull-Up Current
vs Temperature
Output High Voltage (VOH)
vs Supply Voltage
Input (INP) Thresholds
vs Supply Voltage
2MHz Operation
BOOST-TS SUPPLY VOLTAGE (V)
4
10
12
14
15
4440-5 G04
6
0
5 6 7 8 9 10 11 12 13 14
16
8
4
2
ITG = 1mA
ITG = 100mA
ITG = 10mA
TEMPERATURE (°C)
–55
0.8
1.0
1.4
1.6
1.8
–15
25
VIH
VIL
45
125
4440-5 G11
1.2
–35
5
65 85 105
2.0
VCC SUPPLY VOLTAGE (V)
5
1.2
1.6
2.0
13
4440-5 G05
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
7
9
11
6
4
14
8
10
12
15
VIH
VIL
TEMPERATURE (°C)
–55
2.5
2.6
2.8
2.9
3.0
3.5
3.2
–15
25 45
125
4440-5 G09
2.7
3.3
3.4
3.1
–35
5
65 85 105
RISING
FALLING
TEMPERATURE (°C)
–55
340
350
360
105
4440-5 G12
330
320
300
–15
25
65
–35
125
5
45
85
310
380
370
INPUT
(INP)
5V/DIV
OUTPUT
(TG)
5V/DIV
VCC = BOOST-TS = 12V
250ns/DIV
4440-5 G07
TEMPERATURE (°C)
–55
200
250
300
105
4440-5 G10
150
100
0
–15
25
65
–35
125
5
45
85
50
400
350
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
0
0.5
1.0
1.5
3.5
4440-5 G13
2.0
2.5
3.0
BOOST-TS = 15V
BOOST-TS = 12V
BOOST-TS = 6V
BOOST-TS = 4V
TEMPERATURE (°C)
–55
0
50
150
200
250
–15
25 45
125
4440-5 G08
100
–35
5
65 85 105
INP = VCC
INP = GND


Similar Part No. - LTC4440-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440-5 LINER-LTC4440-5 Datasheet
194Kb / 18P
   High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440-5 LINER-LTC4440-5 Datasheet
199Kb / 16P
   N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440-5 AD-LTC4440-5 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
LTC4440-5 AD-LTC4440-5 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
More results

Similar Description - LTC4440-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440_15 Datasheet
221Kb / 16P
   High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440A-5 LINER-LTC4440A-5 Datasheet
363Kb / 12P
   High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
   High Speed, High Voltage High Side Gate Driver
logo
Rohm
BM60210FV-C ROHM-BM60210FV-C Datasheet
1Mb / 27P
   High Voltage High & Low-side, Gate Driver
BS2103F ROHM-BS2103F Datasheet
895Kb / 24P
   High voltage High & Low-side, Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
Rohm
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
   600V High voltage High & Low-side, Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com