Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6101HV Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6101HV
Description  High Voltage, High-Side Current Sense Amplifi er in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6101HV Datasheet(HTML) 5 Page - Linear Technology

  LTC6101HV_15 Datasheet HTML 1Page - Linear Technology LTC6101HV_15 Datasheet HTML 2Page - Linear Technology LTC6101HV_15 Datasheet HTML 3Page - Linear Technology LTC6101HV_15 Datasheet HTML 4Page - Linear Technology LTC6101HV_15 Datasheet HTML 5Page - Linear Technology LTC6101HV_15 Datasheet HTML 6Page - Linear Technology LTC6101HV_15 Datasheet HTML 7Page - Linear Technology LTC6101HV_15 Datasheet HTML 8Page - Linear Technology LTC6101HV_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC6101/LTC6101HV
5
6101fh
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage Range
5
100
V
VOS
Input Offset Voltage
VSENSE = 5mV, Gain = 100, LTC6101HVA
VSENSE = 5mV, Gain = 100, LTC6101HVAC, LTC6101HVAI
VSENSE = 5mV, Gain = 100, LTC6101HVAH
±85
±300
±450
±535
μV
μV
μV
VSENSE = 5mV, Gain = 100, LTC6101HVB
±150
±450
±810
μV
μV
VSENSE = 5mV, Gain = 100, LTC6101HVC
±400
800
1200
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = 5mV, LTC6101HVA
VSENSE = 5mV, LTC6101HVB
VSENSE = 5mV, LTC6101HVC
±1
±3
±5
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
RIN = 1M
100
170
245
nA
nA
IOS
Input Offset Current
RIN = 1M
±2
±15
nA
VSENSE(MAX) Input Sense Voltage Full Scale
VOS within Specification, RIN = 1k (Note 3)
500
mV
PSRR
Power Supply Rejection Ratio
VS = 6V to 100V, VSENSE = 5mV, Gain = 100
118
115
140
dB
dB
VS = 5V to 100V, VSENSE = 5mV, Gain = 100
110
105
133
dB
dB
VOUT
Maximum Output Voltage
12V ≤ VS ≤ 100V, VSENSE = 88mV
VS = 5V, VSENSE = 330mV, RIN = 1k, ROUT = 10k
8
3
V
V
VOUT (0)
Minimum Output Voltage
VSENSE = 0V, Gain = 100, LTC6101HVA
VSENSE = 0V, Gain = 100, LTC6101HVAC, LTC6101HVAI
VSENSE = 0V, Gain = 100, LTC6101HVAH
030
45
53.5
mV
mV
mV
VSENSE = 0V, Gain = 100, LTC6101HVB
045
81
mV
mV
VSENSE = 0V, Gain = 100, LTC6101HVC
0
150
250
mV
mV
IOUT
Maximum Output Current
5V ≤ VS ≤ 100V, ROUT = 2k, VSENSE = 110mV, Gain = 20
1
mA
tr
Input Step Response
(to 2.5V on a 5V Output Step)
ΔVSENSE = 100mV Transient, 6V ≤ VS ≤ 100V, Gain = 50
VS = 5V
1
1.5
μs
μs
BW
Signal Bandwidth
IOUT = 200μA, RIN = 100, ROUT = 5k
IOUT = 1mA, RIN = 100, ROUT = 5k
140
200
kHz
kHz
IS
Supply Current
VS = 5V, IOUT = 0, RIN = 1M
200
450
475
μA
μA
VS = 6V, IOUT = 0, RIN = 1M
220
475
525
μA
μA
VS = 12V, IOUT = 0, RIN = 1M
230
500
590
μA
μA
VS = 60V, IOUT = 0, RIN = 1M
LTC6101HVI, LTC6101HVC
LTC6101HVH
350
640
690
720
μA
μA
μA
VS = 100V, IOUT = 0, RIN = 1M
LTC6101HVAI, LTC6101HVAC, LTC6101HVBI,
LTC6101HVBC, LTC6101HVCI, LTC6101HVCC
LTC6101HVAH, LTC6101HVBH, LTC6101HVCH
350
640
690
720
μA
μA
μA
ELECTRICAL CHARACTERISTICS (LTC6101HV) The denotes the specifications which apply over the full
specified temperature range, otherwise specifications are at TA = 25°C, RIN = 100Ω, ROUT = 10k, VSENSE+ = V+ (see Figure 1 for
details), 5V ≤ VS ≤ 100V unless otherwise noted.


Similar Part No. - LTC6101HV_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101HVACMS8 LINER-LTC6101HVACMS8 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
LTC6101HVACMS8 LINER-LTC6101HVACMS8 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
LTC6101HVACS5 LINER-LTC6101HVACS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
LTC6101HVAHMS8 LINER-LTC6101HVAHMS8 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
LTC6101HVAHMS8 LINER-LTC6101HVAHMS8 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
More results

Similar Description - LTC6101HV_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LTC6104 LINER-LTC6104 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6106 LINER-LT6106 Datasheet
244Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com