Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1776I Datasheet(PDF) 3 Page - Linear Technology

Part # LT1776I
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1776I Datasheet(HTML) 3 Page - Linear Technology

  LT1776I Datasheet HTML 1Page - Linear Technology LT1776I Datasheet HTML 2Page - Linear Technology LT1776I Datasheet HTML 3Page - Linear Technology LT1776I Datasheet HTML 4Page - Linear Technology LT1776I Datasheet HTML 5Page - Linear Technology LT1776I Datasheet HTML 6Page - Linear Technology LT1776I Datasheet HTML 7Page - Linear Technology LT1776I Datasheet HTML 8Page - Linear Technology LT1776I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1776
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 40V, VSW open, VCC = 5V, VC = 1.4V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Timing
f
Switching Frequency
180
200
220
kHz
q
170
230
kHz
Maximum Switch Duty Cycle
q
85
90
%
tON(MIN)
Minimum Switch On Time
High dV/dt Mode, RL = 39Ω (Note 4)
300
ns
Boost Operation
VC Pin Boost Threshold
1.35
V
dV/dt Below Threshold
0.2
V/ns
dV/dt Above Threshold
1.6
V/ns
Sync Function
Minimum Sync Amplitude
q
1.5
2.2
V
Synchronization Range
(Note 6)
q
250
400
kHz
SYNC Pin Input R
40
k
SHDN Pin Function
VSHDN
Shutdown Mode Threshold
0.5
V
q
0.2
0.8
V
Upper Lockout Threshold
Switching Action On
1.260
V
Lower Lockout Threshold
Switching Action Off
1.245
V
ISHDN
Shutdown Pin Current
VSHDN = 0V
12
20
µA
VSHDN = 1.25V
2.5
10
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Control circuitry powered from VCC.
Note 3: Switch current limit is DC trimmed and tested in production.
Inductor dl/dt rate will cause a somewhat higher current limit in actual
application.
Note 4: Minimum switch on time is production tested with a 39
Ω resistive
load to ground.
Note 5: Parts are guaranteed to survive 60V on VIN and VSW. However,
thermal constraints will limit VIN in some applications, depending primarily
on maximum output current and switching frequency. See Applications
section for more information.
Note 6: Internal oscillator is guaranteed to sync up to 400kHz. However,
thermal constraints and/or controllability issues may place a lower limit on
switching frequency in actual usage. See Applications section for more
information.


Similar Part No. - LT1776I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1776 LINER-LT1776 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1776 LINER-LT1776 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1776 LINER-LT1776 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
LT1776 LINER-LT1776_15 Datasheet
235Kb / 20P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
More results

Similar Description - LT1776I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1676 LINER-LT1676 Datasheet
135Kb / 16P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
LT1776 LINER-LT1776_15 Datasheet
235Kb / 20P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
LT1676 LINER-LT1676_15 Datasheet
151Kb / 16P
   Wide Input Range, High Efficiency, Step-Down Switching Regulator
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Semtech Corporation
SC4524C SEMTECH-SC4524C Datasheet
802Kb / 21P
   28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com