Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1777C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1777C
Description  Low Noise Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777C Datasheet(HTML) 5 Page - Linear Technology

  LT1777C Datasheet HTML 1Page - Linear Technology LT1777C Datasheet HTML 2Page - Linear Technology LT1777C Datasheet HTML 3Page - Linear Technology LT1777C Datasheet HTML 4Page - Linear Technology LT1777C Datasheet HTML 5Page - Linear Technology LT1777C Datasheet HTML 6Page - Linear Technology LT1777C Datasheet HTML 7Page - Linear Technology LT1777C Datasheet HTML 8Page - Linear Technology LT1777C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LT1777
TYPICAL PERFOR A CE CHARACTERISTICS
Switching Frequency
vs Temperature
Minimum Synchronization
Voltage vs Temperature
Output dI/dt Sense Voltage
vs Temperature
VC Pin Switching Threshold,
Clamp Voltage vs Temperature
Feedback Amplifier Output
Current vs FB Pin Voltage
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (
°C)
106
104
102
100
98
96
94
1777 G07
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
2.25
2.00
1.75
1.50
1.25
1.00
0.75
1777 G08
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
1777 G09
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
25
75
1777 G10
–25
0
50
100
125
CLAMP
VOLTAGE
SWITCHING
THRESHOLD
FB PIN VOLTAGE (V)
1.0
100
50
0
–50
–100
–150
1.4
1777 G11
1.1
1.2
1.3
1.5
25
°C
125
°C
–55
°C
TEMPERATURE (
°C)
–50
750
700
650
600
550
500
450
400
25
75
1777 G12
–25
0
50
100
125


Similar Part No. - LT1777C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
   Low Noise Step-Down Switching Regulator
More results

Similar Description - LT1777C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
   Low Noise Step-Down Switching Regulator
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435 Datasheet
404Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A_15 Datasheet
366Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1435A LINER-LTC1435A Datasheet
427Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com