Electronic Components Datasheet Search |
|
APCD-780-06-C2 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH |
|
APCD-780-06-C2 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH |
1 / 2 page 09.09.2011 APCD-780-06-C2 1 of 2 APCD-780-06-C2 TECHNICAL DATA IR diode laser module APCD-780-06 is a multi purpose, lowest cost, small size infrared diode laser module featuring a acrylic housing with embedded lens, and integrated APC circuitry for long time stable operation Features • Small size (Ø 6.5 x 9.0 mm) • Fixfocus • APC (auto power control) IC integrated • Low current consumption • Surge current protection • Excellent beam quality • Laser class II Absolute Maximum Ratings (TC=25°C) Item Symbol Value Unit Power Supply Voltage VCC 3.3 V Output Power PO <1 mW Operating Temperature TC 0 … +40 °C Storage Temperature Tstg 0 … +60 °C Specifications (Tc=25°C, Po<1mW, Vcc=3V) Min. Typ. Max. Unit Optical Center Wavelength λ C - 785 - nm Output Power - - 1.0 mW Divergence angle 2.0 mrad Output Aparture 1.8 mm Beam Size at 10M <20 mm Electrical Current draw - - 35 mA Supply voltage 2.5 - 3.3 V General Body Acryl Dimensions 6.5 x 9.0 mm Lens Acryl Mean time to failure (MTTF) >10000 h The above specifications are for reference purpose only and subjected to change without prior notice |
Similar Part No. - APCD-780-06-C2 |
|
Similar Description - APCD-780-06-C2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |