Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1792CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1792CS8
Description  Low Noise, Precision, JFET Input Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1792CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1792CS8 Datasheet HTML 2Page - Linear Technology LT1792CS8 Datasheet HTML 3Page - Linear Technology LT1792CS8 Datasheet HTML 4Page - Linear Technology LT1792CS8 Datasheet HTML 5Page - Linear Technology LT1792CS8 Datasheet HTML 6Page - Linear Technology LT1792CS8 Datasheet HTML 7Page - Linear Technology LT1792CS8 Datasheet HTML 8Page - Linear Technology LT1792CS8 Datasheet HTML 9Page - Linear Technology LT1792CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1792
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Warm-Up Drift
TIME AFTER POWER ON (MINUTES)
0
0
15
30
45
60
90
1
23
4
1792 G15
56
75
SO-8 PACKAGE
N8 PACKAGE
VS = ±15V
TA = 25°C
Output Voltage Swing
vs Load Current
OUTPUT CURRENT (mA)
–10
V+ – 0.8
–1.0
–1.2
– 1.4
–1.6
2.0
1.8
1.6
1.4
1.2
V+1.0
6
1792 G12
–8
–2
2
10
–6 –4
04
8
25
°C
–55
°C
125
°C
–55
°C
25
°C
125
°C
VS = ±5V TO ±20V
ISINK
ISOURCE
Small-Signal Transient Response
1
µs/DIV
AV = 1
CL = 10pF
VS = ±15V, ±5V
1792 G10
5
µs/DIV
AV = 1
CL = 10pF
RL = 2k
VS = ±15V
1792 G11
Large-Signal Transient Response
FREQUENCY (MHz)
0.1
–10
30
40
50
1
10
100
1792 G09
20
10
0
180
200
100
80
120
140
160
PHASE
GAIN
TA = 25°C
VS = ±15V
CL = 10pF
Gain and Phase Shift
vs Frequency
Slew Rate and Gain-Bandwidth
Product vs Temperature
TEMPERATURE (
°C)
–75
0
1
2
3
4
–25
25
75
125
1792 G14
5
6
0
2
4
6
SR
8
10
12
–50
0
50
100
VS = ±15V
GBWP
Capacitive Load Handling
CAPACITIVE LOAD (pF)
0.1
30
AV = 10
AV = 1
40
50
1000
1792 G13
20
10
0
1
10
100
10000
VS = ±15V
TA = 25°C
RL ≥ 10k
VO = 100mVP-P
AV = 10
RF = 10k
CF = 20pF
FREQUENCY (Hz)
20
100
0.0001
0.01
1
1k
20k
10k
1792 G16
0.001
0.1
ZL = 2k  15pF
VO = 20VP-P
AV = 1, 10, 100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = 100
NOISE FLOOR
AV = 10
AV = 1
THD and Noise vs Frequency for
Noninverting Gain
THD and Noise vs Frequency for
Inverting Gain
FREQUENCY (Hz)
20
100
0.0001
0.01
1
1k
20k
10k
1792 G17
0.001
0.1
ZL = 2k  15pF
VO = 20VP-P
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = –100
NOISE FLOOR
AV = –10
AV = –1


Similar Part No. - LT1792CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
More results

Similar Description - LT1792CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Texas Instruments
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com