Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1812IS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1812IS5
Description  3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812IS5 Datasheet(HTML) 5 Page - Linear Technology

  LT1812IS5 Datasheet HTML 1Page - Linear Technology LT1812IS5 Datasheet HTML 2Page - Linear Technology LT1812IS5 Datasheet HTML 3Page - Linear Technology LT1812IS5 Datasheet HTML 4Page - Linear Technology LT1812IS5 Datasheet HTML 5Page - Linear Technology LT1812IS5 Datasheet HTML 6Page - Linear Technology LT1812IS5 Datasheet HTML 7Page - Linear Technology LT1812IS5 Datasheet HTML 8Page - Linear Technology LT1812IS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1812
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Supply Voltage
±2V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
75
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
0.8
V/mV
VOUT = ±3V, RL = 100Ω
0.6
V/mV
VOUT
Maximum Output Swing
RL = 500Ω, 30mV Overdrive
±3.60
V
RL = 100Ω, 30mV Overdrive
±3.15
V
IOUT
Maximum Output Current
VOUT = ±3V, 30mV Overdrive
±30
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Note 3)
±55
mA
SR
Slew Rate
AV = – 1 (Note 5)
350
V/
µs
GBW
Gain Bandwidth Product
f = 200kHz
60
MHz
ISHDN
SHDN Pin Current
SHDN > V + 2.0V (On)
±2
µA
SHDN < V + 0.4V (Off)
– 200
µA
IS
Supply Current
SHDN > V + 2.0V (On)
5
mA
SHDN < V + 0.4V (Off)
200
µA
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life of
the device may be impaired.
Note 2: Differential inputs of
±3V are appropriate for transient operation only,
such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: A heat sink may be required to keep the junction temperature below
absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±2V on the output with ±3V input for
±5V supplies and 2VP-P on the output with a 3VP-P input for single 5V
supplies.
Note 6: Full power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP.
Note 7: This parameter is not 100% tested.
Note 8: The LT1812C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1812C is designed, characterized and expected to meet
specified performance from – 40
°C to 85°C but is not tested or QA sampled
at these temperatures. The LT1812I is guaranteed to meet specified
performance from –40
°C to 85°C.
Note 9:
θJA is specified for a 2500mm2 board covered with 2 oz copper on
both sides. Thermal resistance varies, depending upon the amount of PC
board metal attached to the device. For this package in particular, power is
dissipated primarily through Pin 4, which should therefore, have a good
thermal connection to a copper plane.
–40
°C ≤ TA ≤ 85°C. VS = ±5V, VCM = 0V unless otherwise noted (Note 8).
–40
°C ≤ TA ≤ 85°C, VS = 5V, VCM = 2.5V, RL to 2.5V unless otherwise noted (Note 8).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
3.5
mV
∆VOS/∆T
Input Offset Voltage Drift
(Note 7)
10
30
µV/°C
IOS
Input Offset Current
600
nA
IB
Input Bias Current
±6
µA
VCM
Input Voltage Range (Positive)
3.5
V
Input Voltage Range (Negative)
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
70
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
0.6
V/mV
VOUT = 2.0V to 3.0V, RL = 100Ω
0.4
V/mV
VOUT
Maximum Output Swing (Positive)
RL = 500Ω, 30mV Overdrive
3.7
V
RL = 100Ω, 30mV Overdrive
3.5
V
Maximum Output Swing (Negative)
RL = 500Ω, 30mV Overdrive
1.3
V
RL = 100Ω, 30mV Overdrive
1.5
V
IOUT
Maximum Output Current
VOUT = 3.5V or 1.5V, 30mV Overdrive
±17
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
±40
mA
SR
Slew Rate
AV = – 1 (Note 5)
125
V/
µs
GBW
Gain Bandwidth Product
f = 200kHz
50
MHz
ISHDN
SHDN Pin Current
SHDN > V + 2.0V (On)
±2
µA
SHDN < V + 0.4V (Off)
– 100
µA
IS
Supply Current
SHDN > V + 2.0V (On)
5
mA
SHDN < V + 0.4V (Off)
100
µA


Similar Part No. - LT1812IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812IS5 LINER-LT1812IS5 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
More results

Similar Description - LT1812IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com