Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1392A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1392A
Description  SAW Filter 915 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1392A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1392A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1392A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1392A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1392A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1392A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1392A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1392A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915 MHz
MODEL NO.:TA1392A
REV. NO:1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 6V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
915
-
3dB BW
MHz
-
2.0
-
Minimum insertion loss
IL(min)
Exclude loss in matching elements *1)
Incl. loss of matching elements(Q=89) *2)
dB
dB
-
-
2.7
3.9
4.0
5.0
Passband (relative to ILmin ) *1)
914.50 ~ 915.50 MHz
914.30 ~ 915.70 MHz
dB
dB
-
-
0.4
1.0
2.5
5.0
Attenuation (relative to ILmin ) *1)
10.000 ~ 830.00
MHz
dB
47
53
-
830.00 ~ 890.00
MHz
dB
41
46
-
890.00 ~ 903.00
MHz
dB
36
42
-
903.00 ~ 911.50
MHz
dB
19
28
-
920.00 ~ 923.00
MHz
dB
19
28
-
923.00 ~ 943.00
MHz
dB
19
24
-
943.00 ~ 1000.0
MHz
dB
37
43
-
1000.0 ~ 2500.0
MHz
dB
43
48
-
Impedance at Fc, Input *1) Zin = Rin//Cin
Zs
354Ω//1.88pF
Impedance at Fc, Output *1) Zout = Rout//Cout ZL
334Ω//1.93pF
*1): The matching circuit is ideal by simluation.
*2): The matching circuit is real by actual passive components.
0805 Coillcraft CS series chip conductor is used for inductor.
0402 muRata GRM series is used for capacitor.
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device


Similar Part No. - TA1392A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1392A GOLLEDGE-TA1392A Datasheet
122Kb / 6P
   SAW Filter 915.0MHz
More results

Similar Description - TA1392A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
   SAW Filter 915 MHz
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
   SAW Filter 915 MHz
TA1363A TAI-SAW-TA1363A Datasheet
429Kb / 7P
   SAW Filter 915 MHz
TA1392B TAI-SAW-TA1392B Datasheet
559Kb / 7P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327_15 Datasheet
552Kb / 6P
   915 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1561A TAI-SAW-TA1561A Datasheet
152Kb / 8P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
   915 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2294A TAI-SAW-TA2294A Datasheet
484Kb / 7P
   SAW Filter 915 MHz
TA1719A TAI-SAW-TA1719A Datasheet
272Kb / 7P
   SAW Filter 915 MHz
TA1042B TAI-SAW-TA1042B Datasheet
1Mb / 7P
   SAW Filter 915 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com