Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1885 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1885
Description  Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1885 Datasheet(HTML) 1 Page - Linear Technology

  LT1885 Datasheet HTML 1Page - Linear Technology LT1885 Datasheet HTML 2Page - Linear Technology LT1885 Datasheet HTML 3Page - Linear Technology LT1885 Datasheet HTML 4Page - Linear Technology LT1885 Datasheet HTML 5Page - Linear Technology LT1885 Datasheet HTML 6Page - Linear Technology LT1885 Datasheet HTML 7Page - Linear Technology LT1885 Datasheet HTML 8Page - Linear Technology LT1885 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1884/LT1885
1
The LT
®1884/LT1885 op amps bring high accuracy input
performance to amplifiers with rail-to-rail output swing
while providing faster response than other precision am-
plifiers. Input offset voltage is trimmed to less than 50
µV
and the low drift maintains this accuracy over the operat-
ing temperature range. Input bias currents are an ultralow
400pA maximum.
The amplifiers work on any total power supply voltage
between 2.7V and 36V (fully specified from 5V to
±15V).
Output voltage swings to within 40mV of the negative
supply and 220mV of the positive supply make these
amplifiers good choices for low voltage single supply
operation.
Slew rates of 1V/
µs with a supply current of less than 1mA
per amplifier give superior response and settling time
performance in a low power precision amplifier.
The dual LT1884 is available with standard pinouts in
8-pin SO and PDIP packages. The quad LT1885 is also in
the standard pinout 14-pin SO package.
s
Thermocouple Amplifiers
s
Bridge Transducer Conditioners
s
Instrumentation Amplifiers
s
Battery-Powered Systems
s
Photo Current Amplifiers
s
Precision Integrators
s
Precision Current Sources
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Offset Voltage: 50
µV Max (LT1884A)
s
Input Bias Current: 400pA Max (LT1884A)
s
Offset Voltage Drift: 0.8
µV/°C Max
s
Rail-to-Rail Output Swing
s
Operates with Single or Split Supplies
s
Open-Loop Voltage Gain: 1 Million Min
s
1mA Maximum Supply Current Per Amplifier
s
Slew Rate: 1V/
µs
s
Standard Pinouts
Dual/Quad Rail-to-Rail
Output, Picoamp Input
Precision Op Amps
Input Fault Protected Instrumentation Amplifier
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
+
+
+
1884 TA01
RG/2
RG/2
22pF
TRIM FOR
AC CMRR
10k
1/4 LT1885
OUT
–IN
GUARD
+IN
1/4 LT1885
1/4 LT1885
1/4 LT1885
10k
1M
1M
3
5
10k
10k
9.76k
500
TRIM FIRST
FOR DC CMRR
10k
GAIN =
2•10k
RG
10pF


Similar Part No. - LT1885

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1885 LINER-LT1885 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results

Similar Description - LT1885

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com