Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1930A Datasheet(PDF) 8 Page - Linear Technology

Part # LT1930A
Description  1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1930A Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1930A Datasheet HTML 4Page - Linear Technology LT1930A Datasheet HTML 5Page - Linear Technology LT1930A Datasheet HTML 6Page - Linear Technology LT1930A Datasheet HTML 7Page - Linear Technology LT1930A Datasheet HTML 8Page - Linear Technology LT1930A Datasheet HTML 9Page - Linear Technology LT1930A Datasheet HTML 10Page - Linear Technology LT1930A Datasheet HTML 11Page - Linear Technology LT1930A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1930/LT1930A
TYPICAL APPLICATIO S
Efficiency
GND
VIN
SW
SHDN
FB
4V TO 6.5V
4
51
3
D1
L1
10
µH
L2
10
µH
2
243k
LT1930
1930 TA02a
C1
2.2
µF
4-CELL
BATTERY
C2
10
µF
C3
1
µF
82.5k
VOUT
5V
300mA
C1: TAIYO-YUDEN X5R LMK212BJ225MG
C2: TAIYO-YUDEN X5R JMK316BJ106ML
C3: TAIYO-YUDEN X5R LMK212BJ105MG
SHDN
D1: ON SEMICONDUCTOR MBR0520
L1, L2: MURATA LQH3C100K24
LOAD CURRENT (mA)
0
60
65
70
400
500
1930 TA02b
55
50
40
100
200
300
45
80
75
VIN = 6.5V
VIN = 4V
4-Cell to 5V SEPIC Converter
4-Cell to 5V SEPIC Converter with Coupled Inductors
GND
VIN
SW
SHDN
FB
4V TO 6.5V
4
51
3
D1
L1A
10
µH
L1B
10
µH
2
243k
LT1930
1930/A TA03
C1
2.2
µF
4-CELL
BATTERY
C2
10
µF
C3
1
µF
82.5k
VOUT
5V
300mA
C1: TAIYO-YUDEN X5R LMK212BJ225MG
C2: TAIYO-YUDEN X5R JMK316BJ106ML
C3: TAIYO-YUDEN X5R LMK212BJ105MG
D1: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CLS62-100
SHDN
GND
VIN
SW
SHDN
FB
VIN
5V
4
51
3
D1
L1
10
µH
2
R1
665k
LT1930
1930/A TA04
C2
2.2
µF
C1
4.7
µF
R2
36.5k
VOUT
24V
90mA
C1: TAIYO-YUDEN X5R EMK316BJ475ML
C2: TAIYO-YUDEN X5R JMK212BJ475MG
D1: ON SEMICONDUCTOR MBR0530
L1: SUMIDA CR43-100
SHDN
5V to 24V Boost Converter
GND
VIN
SW
SHDN
FB
VIN
5V
4
51
3
D1
C4
1
µF
D2
L1
3.3
µH
2
R1
147k
C5
1
µF
LT1930
D3 D4
1930/A TA05
C2
2.2
µF
C6
2.2
µF
C1
2.2
µF
R2
13.3k
–15V
70mA
15V
70mA
C1: TAIYO-YUDEN X5R LMK212BJ225MG
C2, C3: TAIYO-YUDEN X5R EMK316BJ225ML
C4, C5: TAIYO-YUDEN X5R TMK316BJ105ML
(408) 573-4150
D1 TO D4: ON SEMICONDUCTOR MBR0520 (800) 282-9855
L1: SUMIDA CR43-3R3 (874) 956-0666
OFF ON
±15V Dual Output Converter with Output Disconnect


Similar Part No. - LT1930A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930A LINER-LT1930A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1930A LINER-LT1930A Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
More results

Similar Description - LT1930A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com