Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1930ES5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1930ES5
Description  1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1930ES5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1930ES5 Datasheet HTML 4Page - Linear Technology LT1930ES5 Datasheet HTML 5Page - Linear Technology LT1930ES5 Datasheet HTML 6Page - Linear Technology LT1930ES5 Datasheet HTML 7Page - Linear Technology LT1930ES5 Datasheet HTML 8Page - Linear Technology LT1930ES5 Datasheet HTML 9Page - Linear Technology LT1930ES5 Datasheet HTML 10Page - Linear Technology LT1930ES5 Datasheet HTML 11Page - Linear Technology LT1930ES5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1930/LT1930A
TYPICAL APPLICATIO S
GND
VIN
SW
SHDN
FB
VIN
3.3V
4
51
3
D5
L1
4.7
µH
2
R1
124k
LT1930
1930/A TA11a
C5
10
µF
C4
1
µF
C1
2.2
µF
C2
0.1
µF
C6
1
µF
R2
20k
9V
200mA
–9V
10mA
18V
10mA
C1: X5R OR X7R, 6.3V
C2,C3, C5: X5R OR X7R, 10V
C4: X5R OR X7R, 25V
D1- D4: BAT54S OR EQUIVALENT
D5: MBR0520 OR EQUIVALENT
L1: PANASONIC ELT5KT4R7M
3.3V
0V
VSS
DSS
1N4148
RSS
30k
CSS
68nF
D1
D4
D3
D2
C3
0.1
µF
+
GND
VIN
SW
SHDN
FB
VIN
3.3V
4
51
3
D7
L1
4.7
µH
2
R1
113k
LT1930
1930/A TA12a
C7
10
µF
C6
1
µF
C1
2.2
µF
C2
0.1
µF
C8
1
µF
R2
21k
8V
220mA
–8V
10mA
23V
10mA
C1: X5R OR X7R, 6.3V
C2-C4, C7, C8: X5R OR X7R, 10V
C5: X5R OR X7R, 16V
C6: X5R OR X7R, 25V
D1- D6: BAT54S OR EQUIVALENT
D7: MBR0520 OR EQUIVALENT
L1: PANASONIC ELT5KT4R7M
3.3V
0V
VSS
DSS
1N4148
RSS
30k
CSS
68nF
D1
D5
D6
D2
C3
0.1
µF
C4
0.1
µF
C5
0.1
µF
D3
D4
+
8V, 23V, –8V Triple Output TFT-LCD Bias Supply with Soft-Start
9V, 18V, –9V Triple Output TFT-LCD Bias Supply with Soft-Start
Start-Up Waveforms
Start-Up Waveforms
9V OUTPUT
5V/DIV
–9V OUTPUT
5V/DIV
18V OUTPUT
10V/DIV
IL1 0.5A/DIV
2ms/DIV
8V OUTPUT
5V/DIV
–8V OUTPUT
5V/DIV
23V OUTPUT
10V/DIV
IL1 0.5A/DIV
2ms/DIV


Similar Part No. - LT1930ES5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930 LINER-LT1930 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1930 LINER-LT1930 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT1930 LINER-LT1930 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930 Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LT1930A LINER-LT1930A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results

Similar Description - LT1930ES5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com