Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH0071H Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0071H
Description  Hyper Fast Centertap Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0071H Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0071H_15 Datasheet HTML 1Page - Solid States Devices, Inc RH0071H_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0071H
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR62__
__ _J_ __ __
|
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Leg Bend
__ = Straight
(See Figure 1)
DB = Down Bend
UB = Up Bend
Package J = TO-257
Pin Configuration CT: common cathode
CA: common anode
D: doubler
DR: doubler reverse
Voltage 0 = 100V, 1 = 150V, 2 = 200V
SDR620CTJ, CAJ, DJ, DRJ
thru
SDR622CTJ, CAJ, DJ, DRJ
40 AMPS
100 - 200 VOLTS
35 nsec
HYPER FAST
CENTERTAP RECTIFIER
FEATURES:
Replaces Two 1N5816 Devices
Hyper Fast Recovery: 35 nsec Maximum
3/
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Isolated Hermetically Sealed Package
Gold Eutectic Die Attach Available
Ultrasonic Aluminum Wire Bonds
Custom Lead Forming Available
TX, TXV, and Space Level Screening Available
Consult Factory.
2/
Available in Following Configurations:
Common Cathode Centertap:
SDR620CTJ, SDR620CTJUB, SDR620CTJDB; SDR621CTJ,
SDR621CTJUB, SDR621CTJDB; SDR622CTJ, SDR622CTJUB, SDR622CTJDB
Common Anode Centertap:
SDR620CAJ, SDR620CAJUB, SDR620CAJDB; SDR621CAJ,
SDR621CAJUB, SDR621CAJDB; SDR622CAJ, SDR622CAJUB, SDR622CAJDB
Doubler:
SDR620DJ, SDR620DJUB, SDR620DJDB; SDR621DJ, SDR621DJUB, SDR621DJDB;
SDR622DJ, SDR622DJUB, SDR622DJDB; SDR620DRJ; SDR620DRJUB; SDR620DRJDB;
SDR621DRJ; SDR621DRJUB; SDR621DRJDB; SDR622DRJ; SDR622DRJUB; SDR622DRJDB
TO-257
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR620CTJ
SDR621CTJ
SDR622CTJ
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz, Sine Wave, T
A=25
oC) 4/
IO
40
6/
Amps
Peak Surge Current (8.3 ms Pulse, Half Sine Wave, T
A=25
oC) 5/
IFSM
200
Amps
Operating and Storage Temperature
TOP & Tstg -65 to +175
oC
Maximum Thermal Resistance Junction to Case (Each Individual Diode)
4/
Junction to Case
5/
RJC
0.95
1.7
oC/W
NOTES: 1/ For ordering information, Price, Operating Curves, and Availability - Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to 0.25 Amp.
4/ Both Legs Tied Together.
5/ Per Leg.
6/ Doublers: IO= 20A/leg.


Similar Part No. - RH0071H_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0071H SSDI-RH0071H Datasheet
117Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
More results

Similar Description - RH0071H_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0073 SSDI-RH0073_15 Datasheet
321Kb / 2P
   Hyper Fast Centertap Rectifier
RH0243 SSDI-RH0243_15 Datasheet
236Kb / 2P
   Hyper Fast Centertap Rectifier
SDR620CTJ SSDI-SDR620CTJ_1 Datasheet
117Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
SDR620CTM SSDI-SDR620CTM_1 Datasheet
118Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
RH0071H SSDI-RH0071H Datasheet
117Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
RH0123 SSDI-RH0123 Datasheet
56Kb / 2P
   Hyper Fast Centertap Rectifier
SDR9103CTN SSDI-SDR9103CTN_1 Datasheet
161Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
SDR60010HCT SSDI-SDR60010HCT Datasheet
172Kb / 3P
   HYPER FAST CENTERTAP RECTIFIER
SDR623CTJ SSDI-SDR623CTJ_1 Datasheet
79Kb / 2P
   HYPER FAST CENTERTAP RECTIFIER
RH0049 SSDI-RH0049 Datasheet
81Kb / 2P
   Hyper Fast Centertap Rectifier
RH0055 SSDI-RH0055 Datasheet
49Kb / 2P
   Hyper Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com