Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1464A Datasheet(PDF) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1464A
Description  SAW Filter 1575.42 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1464A Datasheet(HTML) 8 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1464A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1464A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
8
TST DCC
Release document
H. RECOMMENDED REFLOW PROFILE :
1. Preheating shall be fixed at 150~180℃ for 60~90 seconds.
2. Ascending time to preheating temperature 150℃ shall be 30 seconds min.
3. Heating shall be fixed at 220℃ for 50~80 seconds and at 245~260℃ peak (min. 10sec).
4. Time : 2 times.


Similar Part No. - TA1464A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1464A GOLLEDGE-TA1464A Datasheet
206Kb / 6P
   SAW Filter 1575.420MHz
More results

Similar Description - TA1464A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com