Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3685 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3685
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3685 Datasheet(HTML) 1 Page - Linear Technology

  LT3685_15 Datasheet HTML 1Page - Linear Technology LT3685_15 Datasheet HTML 2Page - Linear Technology LT3685_15 Datasheet HTML 3Page - Linear Technology LT3685_15 Datasheet HTML 4Page - Linear Technology LT3685_15 Datasheet HTML 5Page - Linear Technology LT3685_15 Datasheet HTML 6Page - Linear Technology LT3685_15 Datasheet HTML 7Page - Linear Technology LT3685_15 Datasheet HTML 8Page - Linear Technology LT3685_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3685
1
3685fb
TYPICAL APPLICATION
APPLICATIONS
36V, 2A, 2.4MHz Step-Down
Switching Regulator
The LT®3685 is an adjustable frequency (200kHz to 2.4MHz)
monolithic step-down switching regulator that accepts
input voltages up to 38V operating and 60V maximum. An
internal overvoltage protection circuit turns off the power
switch when VINisabove38Vtypical(36Vminimum)which
then allows the part to safely withstand 60V transients. A
high efficiency 0.25 switch is included on the die along
with a boost Schottky diode and the necessary oscillator,
control, and logic circuitry. Current mode topology is
used for fast transient response and good loop stability.
The LT3685’s high operating frequency allows the use of
small, low cost inductors and ceramic capacitors result-
ing in low output ripple while keeping total solution size
to a minimum. The low current shutdown mode reduces
input supply current to less than 1μA while a resistor and
capacitor on the RUN/SS pin provide a controlled output
voltage ramp (soft-start). A power good flag signals when
VOUT reaches 89% of the programmed output voltage. The
LT3685 is available in 10-Pin MSOP and 3mm
× 3mm DFN
packages with exposed pads for low thermal resistance.
Automotive Battery Regulation
Set Top Box
Distributed Supply Regulation
Industrial Supplies
Wall Transformer Regulation
3.3V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
4.5V TO 36V
TRANSIENT
TO 60V
VOUT
3.3V
2A
4.7μF
0.47μF
470pF
22μF
100k
14k
40.2k
4.7μH
316k
GND
OFF ON
LT3685
3685 TA01
RUN/SS
BOOST
SYNC
Efficiency
LOAD CURRENT (A)
0
50
0.5
1.0
1.5
2
3685 TA01b
60
100
90
80
70
VIN = 12V
L = 5.6μH
F = 800 kHz
VOUT = 3.3V
VOUT = 5V
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Wide Input Range:
Operation From 3.6V to 36V
Overvoltage Lockout Protects Circuit through
60V Transients
2A Maximum Output Current
Adjustable Switching Frequency: 200kHz to 2.4MHz
Low Shutdown Current: IQ < 1μA
Integrated Boost Diode
Synchronizable Between 250kHz to 2MHz
Power Good Flag
Saturating Switch Design: 0.25 On-Resistance
0.790V Feedback Reference Voltage
Output Voltage: 0.79V to 20V
Soft-Start Capability
Small 10-Pin Thermally Enhanced MSOP and
(3mm
× 3mm) DFN Packages
FEATURES
DESCRIPTION


Similar Part No. - LT3685_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3685EDD-PBF LINER-LT3685EDD-PBF Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EDD-RPBF LINER-LT3685EDD-RPBF Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE-PBF LINER-LT3685EMSE-PBF Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE-TRPBF LINER-LT3685EMSE-TRPBF Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results

Similar Description - LT3685_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com