Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXTN07100BP5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXTN07100BP5
Description  100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTN07100BP5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DXTN07100BP5_15 Datasheet HTML 1Page - Diodes Incorporated DXTN07100BP5_15 Datasheet HTML 2Page - Diodes Incorporated DXTN07100BP5_15 Datasheet HTML 3Page - Diodes Incorporated DXTN07100BP5_15 Datasheet HTML 4Page - Diodes Incorporated DXTN07100BP5_15 Datasheet HTML 5Page - Diodes Incorporated DXTN07100BP5_15 Datasheet HTML 6Page - Diodes Incorporated DXTN07100BP5_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PowerDI is a registered trademark of Diodes Incorporated.
DXTN07100BP5
Document number: DS32023 Rev. 3 - 2
1 of 7
www.diodes.com
May 2014
© Diodes Incorporated
DXTN07100BP5
A Product Line of
Diodes Incorporated
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
PowerDI
®5
Features
BVCEO > 100V
IC = 2A High Continuous Collector Current
ICM = 6A Peak Collector Current
PD up to 3.2W
43% smaller than SOT223; 60% smaller than TO252
Maximum height just 1.1mm
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.093 grams (approximate)
Applications
Voltage Regulator using Emitter-Follower
DC-DC Converter
Telecoms
Power Management
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DXTN07100BP5-13
AEC-Q101
DTN7100B
13
16
5,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
Top View
Bottom View
Top View
Pin-Out
Device Schematic
DTN7100B = Product Type Marking Code
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 09 for 2009)
WW = Week code (01 to 53)
C
E
B
YYWWK
DTN7100B


Similar Part No. - DXTN07100BP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTN07100BP5-13 DIODES-DXTN07100BP5-13 Datasheet
184Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
More results

Similar Description - DXTN07100BP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTN07100BP5 DIODES-DXTN07100BP5 Datasheet
184Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
DXT2011P5 DIODES-DXT2011P5_15 Datasheet
207Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR POWERDI짰5
DXT2011P5 DIODES-DXT2011P5 Datasheet
209Kb / 7P
   100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5
DS32069 Rev. 2 - 2
ZXTN19100CFF DIODES-ZXTN19100CFF_16 Datasheet
341Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2011G DIODES-ZXTN2011G_16 Datasheet
452Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19100CG DIODES-ZXTN19100CG_15 Datasheet
503Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2011G DIODES-ZXTN2011G Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com