Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI10H150CW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSI10H150CW
Description  10A, 100V - 200V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI10H150CW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSI10H150CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI10H150CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI10H150CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI10H150CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSI10H150CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_D0000003
Version: A15
TSI10H100CW - TSI10H200CW
Taiwan Semiconductor
ORDER INFORMATION (EXAMPLE)
(TA = 25°C unless otherwise noted)
RATINGS AND CHARACTERISTICS CURVES
0
2
4
6
8
10
12
0
25
50
75
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TSI10H100CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSI10H120CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TSI10H150CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
TSI10H150CW C0G
Green compound code
Packing code
Part no.


Similar Part No. - TSI10H150CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
   10A, 200V Trench Schottky Rectifier
More results

Similar Description - TSI10H150CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
   10A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
   10A, 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
   30A, 100V - 200V Trench Schottky Rectifiers
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
   20A, 100V - 200V Trench Schottky Rectifiers
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
   10A, 200V Trench Schottky Rectifier
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
   10A, 200V Trench Schottky Rectifier
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
logo
SeCoS Halbleitertechnol...
SM10100DS SECOS-SM10100DS Datasheet
200Kb / 2P
   VOLTAGE 100V 10A Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com