Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXTP03200BP5 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXTP03200BP5
Description  200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP03200BP5 Datasheet(HTML) 4 Page - Diodes Incorporated

  DXTP03200BP5_15 Datasheet HTML 1Page - Diodes Incorporated DXTP03200BP5_15 Datasheet HTML 2Page - Diodes Incorporated DXTP03200BP5_15 Datasheet HTML 3Page - Diodes Incorporated DXTP03200BP5_15 Datasheet HTML 4Page - Diodes Incorporated DXTP03200BP5_15 Datasheet HTML 5Page - Diodes Incorporated DXTP03200BP5_15 Datasheet HTML 6Page - Diodes Incorporated DXTP03200BP5_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DXTP03200BP5
Document number: DS32068 Rev. 2 - 2
4 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXTP03200BP5
PowerDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-220
-245
V
IC = -100μA
Collector-Emitter Breakdown Voltage (Note 7)
V(BR)CEO
-200
-225
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-7
-8.4
V
IE = -100μA
Collector Cutoff Current
ICBO
<1
-50
-0.5
nA
μA
VCB = -200V
VCB = -200V, TA = 100 °C
Emitter Cutoff Current
IEBO
<1
-10
nA
VEB = -6V
Collector-Emitter Saturation Voltage (Note 7)
VCE(sat)
-37
-130
-135
-180
-50
-155
-160
-275
mV
IC = -0.1A, IB = -10mA
IC = -0.5A, IB = -25mA
IC = -1A, IB = -100mA
IC = -2A, IB = -400mA
Base-Emitter Saturation Voltage (Note 7)
VBE(sat)
-955
-1100
mV
IC = -2A, IB = -400mA
Base-Emitter Turn-On Voltage (Note 7)
VBE(on)
-860
-1000
mV
VCE = -5V, IC = -2A
DC Current Gain (Note 7)
hFE
100
100
20
195
170
50
5
300
VCE = -5V, IC = -10mA
VCE = -5V, IC = -1A
VCE = -5V, IC = -2A
VCE = -5V, IC = -5A
Transition Frequency
fT
105
MHz
VCE = -10V, IC = -100mA,
f = 50MHz
Output Capacitance
Cobo
31
pF
VCB = -10V, f = 1MHz
Delay Time
td
21
ns
VCC = -50V, IC = -1A,
IB1 = -IB2 = -100mA
Rise Time
tr
18
ns
Storage Time
ts
680
ns
Fall Time
tf
75
ns
Notes:
7. Pulse Test: Pulse width
≤300μs. Duty cycle ≤2.0%.


Similar Part No. - DXTP03200BP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP03200BP5-13 DIODES-DXTP03200BP5-13 Datasheet
148Kb / 7P
   200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32068 Rev. 2 - 2
More results

Similar Description - DXTP03200BP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP03200BP5 DIODES-DXTP03200BP5 Datasheet
148Kb / 7P
   200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32068 Rev. 2 - 2
DXTP560BP5 DIODES-DXTP560BP5_15 Datasheet
169Kb / 7P
   500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR POWERDI짰5
DXT790AP5 DIODES-DXT790AP5 Datasheet
116Kb / 7P
   40V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS31800 Rev. 2 - 2
DXTP19020DP5 DIODES-DXTP19020DP5 Datasheet
143Kb / 5P
   20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS32012 Rev. 3 - 2
DXTP19020DP5 DIODES-DXTP19020DP5_15 Datasheet
143Kb / 5P
   20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DXT5551P5 DIODES-DXT5551P5 Datasheet
135Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32066 Rev. 2 - 2
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DXT2014P5 DIODES-DXT2014P5 Datasheet
200Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32009 Rev. 2 - 2
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DXT458P5 DIODES-DXT458P5_15 Datasheet
204Kb / 7P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR PowerDI짰5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com