Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75512A Datasheet(PDF) 8 Page - NEC

Part # UPD75512A
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512A Datasheet(HTML) 8 Page - NEC

Back Button UPD75512A Datasheet HTML 4Page - NEC UPD75512A Datasheet HTML 5Page - NEC UPD75512A Datasheet HTML 6Page - NEC UPD75512A Datasheet HTML 7Page - NEC UPD75512A Datasheet HTML 8Page - NEC UPD75512A Datasheet HTML 9Page - NEC UPD75512A Datasheet HTML 10Page - NEC UPD75512A Datasheet HTML 11Page - NEC UPD75512A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
µPD75512(A)
8
3.
PIN FUNCTIONS
3.1
PORT PINS (1/2)
Input/
Pin
Input/
Shared
Function
8-bit
When Reset
Output
Name
Output
Pin
I/O
Circuit
Type*
P00
INT4
4-bit input port (PORT0).
B
For P01 to P03, built-in pull-up
P01
SCK0
resistors can be specified in 3-bit
F -A
Input
units by software.
x
Input
P02
SO0/SB0
F -B
P03
SI0/SB1
M -C
P10
INT0
With noise
elimination function
P11
INT1
Input
4-bit input port (PORT1).
x
Input
B -C
P12
INT2
Built-in pull-up resistors can be
specified by software in 4-bit units.
P13
TI0
P20
PTO0
4-bit input/output port (PORT2).
P21
Input/
Built-in pull-up resistors can be
output
specified by software in 4-bit units.
x
Input
E-B
P22
PCL
P23
BUZ
P30
Programmable 4-bit input/output
port (PORT3).
P31
Input/
Input/output can be specified in
output
bit units.
x
Input
E-C
P32
Built-in pull-up resistors can be
specified by software in 4-bit unit.
P33
N-ch open-drain 4-bit input/output
High level
port (PORT4).
(when pull-up
P40 to
Input/
A pull-up resistor can be provided
resistor is
M
P43
output
in bit units (mask option).
provided) or
10V withstanding voltage in the
high impedance
open-drain mode.
O
N-ch open-drain 4-bit input/output
High level
port (PORT5).
(when pull-up
P50 to
Input/
A pull-up resistor can be provided
resistor is
M
P53
output
in bit units (mask option).
provided) or
10V withstanding voltage in the
high impedance
open-drain mode.
P60
KR0
Programmable 4-bit input/ output
port (PORT6).
P61
Input/
KR1
Input/output can be specified in
output
bit units.
O
Input
F -C
P62
KR2
Built-in pull-up resistors can be
specified by software in 4-bit units.
P63
KR3
*: The number enclosed with a circle indicates Schmitt trigger input.


Similar Part No. - UPD75512A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75512 RENESAS-UPD75512 Datasheet
586Kb / 70P
   MOS INTEGRATED CIRCUIT
1990
UPD75512GF-XXX-3B9 RENESAS-UPD75512GF-XXX-3B9 Datasheet
586Kb / 70P
   MOS INTEGRATED CIRCUIT
1990
More results

Similar Description - UPD75512A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com