Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4430 Datasheet(PDF) 3 Page - Linear Technology

Part # LT4430
Description  Secondary-Side Opto-Coupler Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4430 Datasheet(HTML) 3 Page - Linear Technology

  LT4430_15 Datasheet HTML 1Page - Linear Technology LT4430_15 Datasheet HTML 2Page - Linear Technology LT4430_15 Datasheet HTML 3Page - Linear Technology LT4430_15 Datasheet HTML 4Page - Linear Technology LT4430_15 Datasheet HTML 5Page - Linear Technology LT4430_15 Datasheet HTML 6Page - Linear Technology LT4430_15 Datasheet HTML 7Page - Linear Technology LT4430_15 Datasheet HTML 8Page - Linear Technology LT4430_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT4430
3
4430fc
For more information www.linear.com/LT4430
The denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, FB = VFB, COMP = 1V, unless otherwise noted (Note 3).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT4430 is tested under pulsed load conditions such that TJ ≈ TA.
The LT4430E is guaranteed to meet specifications from 0°C to 125°C
junction temperature. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LT4430I is guaranteed
over the –40°C to 125°C operating junction temperature range, the
LT4430H is guaranteed over the –40°C to 150°C operating junction
temperature range and the LT4430MP is tested and guaranteed over
the –55°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes; operating lifetime is derated
for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environmental factors.
Note 3: All currents into device pins are positive. All currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 4: This parameter is guaranteed by correlation and is not tested.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOC
Overshoot Control Charging Current
VOC = 0V (E-, I-Grades)
VOC = 0V (H-Grade)
VOC = 0V (MP-Grade)
–15
–17
–17
–8.5
–8.5
–8.5
–5
–5
–4
µA
µA
µA
OC Clamp Voltage
0.93
V
OC Amplifier Offset Voltage
FB = 0.3V
48
mV
AVOL
Error Amplifier Open-Loop DC Gain
VCOMP = 0.8V to 1V (E-, I-Grades)
VCOMP = 0.8V to 1V (H-, MP-Grades)
60
55
80
80
dB
dB
Error Amplifier Unity-Gain Bandwidth
No Load (Note 4)
9
MHz
Error Amplifier Output Swing Low
FB = 1V
0.1
0.35
0.55
V
Error Amplifier Output Swing High
FB = 0V (E-, I-Grades)
FB = 0V (H-Grade)
FB = 0V (MP-Grade)
1.2
1.2
1.15
1.33
1.33
1.33
1.5
1.55
1.55
V
V
V
Error Amplifier Output Source Current
FB = 0V, COMP = 1V (E-, I-Grades)
FB = 0V, COMP = 1V (H-Grade)
FB = 0V, COMP = 1V (MP-Grade)
–800
–825
–825
–450
–450
–450
–225
–225
–200
µA
µA
µA
Error Amplifier Output Sink Current
FB = 1V, COMP = 1V
25
mA
Opto Driver Inverting DC Gain
–6.4
–6
–5.6
V/V
Opto Driver –3dB Bandwidth
No Load (Note 4)
600
kHz
Opto Driver Output Swing Low
FB = 0V, COMP = Open (E-, I-Grades)
FB = 0V, COMP = Open (H-, MP-Grades)
0.5
0.5
0.85
0.9
V
V
Opto Driver Output Swing High
VIN = 3V, FB = 1V, COMP = Open,
IOPTO = 10mA (E-, I-, H-Grades)
VIN = 3V, FB = 1V, COMP = Open,
IOPTO = 10mA (MP-Grade)
VIN – 1.25
VIN – 1.3
VIN – 1.05
VIN – 1.05
V
V
Opto Driver Output Swing High
VIN = 20V, FB = 1V, COMP = Open,
IOPTO = 10mA
4.2
5.6
7.5
V
ISC
Opto Driver Output
Short-Circuit Current (Sourcing)
FB = 1V, COMP = Open, OPTO = 0V
(E-, I-, H-Grades)
FB = 1V, COMP = Open, OPTO = 0V
(MP-Grade)
10.5
9.5
22
22
45
45
mA
mA
Opto Driver Output Sink Current
FB = 0V, OPTO = 1.5V (E-, I-, H-Grades)
FB = 0V, OPTO = 1.5V (MP-Grade)
150
135
350
350
650
650
µA
µA
elecTrical characTerisTics


Similar Part No. - LT4430_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
More results

Similar Description - LT4430_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3804 LINER-LT3804_15 Datasheet
265Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
LT3804 LINER-LT3804 Datasheet
264Kb / 16P
   Secondary Side Dual Output Controller with Opto Driver
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
   Opto Coupler
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
   Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
   Secondary-Side Optocoupler Driver
logo
Maxim Integrated Produc...
MAX17690EVKITE MAXIM-MAX17690EVKITE Datasheet
896Kb / 10P
   MAX17690 No-Opto Flyback with Secondary-Side Synchronous Rectification
Rev 0; 6/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com