Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1046C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1046C
Description  ?쏧nductorless??5V to 5V Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1046C Datasheet(HTML) 5 Page - Linear Technology

  LTC1046C Datasheet HTML 1Page - Linear Technology LTC1046C Datasheet HTML 2Page - Linear Technology LTC1046C Datasheet HTML 3Page - Linear Technology LTC1046C Datasheet HTML 4Page - Linear Technology LTC1046C Datasheet HTML 5Page - Linear Technology LTC1046C Datasheet HTML 6Page - Linear Technology LTC1046C Datasheet HTML 7Page - Linear Technology LTC1046C Datasheet HTML 8Page - Linear Technology LTC1046C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1046
S
APPLICATI
I FOR ATIO
Rewriting in terms of voltage and impedance equivalence,
I
VV
fC
VV
REQUIV
= () =
12
11
12
/
.
A new variable, REQUIV, has been defined such that
REQUIV = 1/fC1. Thus, the equivalent circuit for the switched
capacitor network is as shown in Figure 3.
As frequency is decreased, the output impedance will
eventually be dominated by the 1/fC1 term and power
efficiency will drop. The typical curves for power effi-
ciency versus frequency show this effect for various capaci-
tor values.
Note also that power efficiency decreases as frequency
goes up. This is caused by internal switching losses which
occur due to some finite charge being lost on each
switching cycle. This charge loss per unit cycle, when
multiplied by the switching frequency, becomes a current
loss. At high frequency this loss becomes significant and
the power efficiency starts to decrease.
LV (Pin 6)
The internal logic of the LTC1046 runs between V+ and LV
(Pin 6). For V+ greater than or equal to 3V, an internal
switch shorts LV to GND (Pin 3). For V+ less than 3V, the
LV pin should be tied to ground. For V+ greater than or
equal to 3V, the LV pin can be tied to ground or left floating.
OSC (Pin 7) and BOOST (Pin 1)
The switching frequency can be raised, lowered or driven
from an external source. Figure 5 shows a functional
diagram of the oscillator circuit.
Figure 3. Switched Capacitor Equivalent Circuit
Figure 4. LTC1046 Switched Capacitor
Voltage Converter Block Diagram
Figure 5. Oscillator
Examination of Figure 4 shows that the LTC1046 has the
same switching action as the basic switched capacitor
building block. With the addition of finite switch ON
resistance and output voltage ripple, the simple theory,
although not exact, provides an intuitive feel for how the
device works.
For example, if you examine power conversion efficiency
as a function of frequency (see typical curve), this simple
theory will explain how the LTC1046 behaves. The loss,
and hence the efficiency, is set by the output impedance.
C2
REQUIV =
1046 F03
V2
V1
RL
REQUIV
1
fC1
1046 F04
CAP+
(2)
CAP–
(4)
GND
(3)
VOUT
(5)
V+
(8)
LV
(6)
3x
(1)
OSC
(7)
OSC
+2
CLOSED WHEN
V+ > 3.0V
C1
C2
BOOST
SW1
SW2
φ
φ
+
OSC
(7)
1046 F05
LV
(6)
BOOST
(1)
∼14pF
I
2I
I
2I
V+
SCHMITT
TRIGGER


Similar Part No. - LTC1046C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
More results

Similar Description - LTC1046C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
logo
TAMURA Corporation.
SPM0507SJ TAMURA-SPM0507SJ Datasheet
345Kb / 7P
   DC DC CONVERTER 5V 4W
Rev.C Sep, 2015
logo
Shindengen Electric Mfg...
MD1620F SHINDENGEN-MD1620F Datasheet
430Kb / 4P
   5V Stepping Down DC to DC Converter Power IC
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
logo
ams AG
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
logo
Anpec Electronics Corop...
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL9315 BELLING-BL9315 Datasheet
358Kb / 7P
   5V 3.0A 1.5MHz Synchronous Buck Converter
logo
E-CMOS Corporation
EC9288 E-CMOS-EC9288 Datasheet
963Kb / 12P
   5V 6A 1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com