Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5913B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 1SMB5913B
Description  3.0W SURFACE MOUNT POWER ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1SMB5913B Datasheet(HTML) 4 Page - Diodes Incorporated

  1SMB5913B_15 Datasheet HTML 1Page - Diodes Incorporated 1SMB5913B_15 Datasheet HTML 2Page - Diodes Incorporated 1SMB5913B_15 Datasheet HTML 3Page - Diodes Incorporated 1SMB5913B_15 Datasheet HTML 4Page - Diodes Incorporated 1SMB5913B_15 Datasheet HTML 5Page - Diodes Incorporated 1SMB5913B_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1SMB5913B
– 1SMB5956B
Document number: DS32125 Rev. 7 - 2
4 of 6
www.diodes.com
December 2014
© Diodes Incorporated
1SMB5913B
– 1SMB5956B
0.1
1
10
100
0
10
20
30
40
50
V , ZENER VOLTAGE (V)
Z
Figure 3 Typical Zener Breakdown Characteristics
6.2V
13V
15V
39V
0.1
1
10
100
50
100
150
200
250
V , ZENER VOLTAGE (V)
Z
Figure 4 Typical Zener Breakdown Characteristics
200V
V , ZENER VOLTAGE (V)
Z
Figure 5 Effect of Zener Voltage
1
10
100
1000
1
10
100
1000
1mA
10mA
20mA
1
10
100
1000
0.1
1
10
100
1000
13V
6.2V
200V
3.3V
I , ZENER TEST CURRENT (mA)
Z
Figure 6 Effect of Zener Current
0
50
100
150
T , AMBIENT TEMPERATURE ( C)
A
°
Figure Power Dissipation
vs. Ambient Temperature
125
75
25
0
1
2
3
4
5
6
TL
TA
Note 5
V , ZENER VOLTAGE (V)
Z
Figure 2 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage
0
50
100
150
200
250
0
50
100
150
200


Similar Part No. - 1SMB5913B_15

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
logo
Motorola, Inc
1SMB5913BT3 MOTOROLA-1SMB5913BT3 Datasheet
60Kb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5913B_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SMB5936B-13 DIODES-1SMB5936B-13 Datasheet
108Kb / 5P
   3.0W SURFACE MOUNT POWER ZENER DIODE
1SMB5931B-13 DIODES-1SMB5931B-13 Datasheet
113Kb / 6P
   3.0W SURFACE MOUNT POWER ZENER DIODE
logo
Shenzhen Luguang Electr...
1SMB5926 LUGUANG-1SMB5926 Datasheet
236Kb / 4P
   3.0W Surface Mount Silicon Zener Diode
logo
Zibo Seno Electronic En...
3EZ3.9D5 ZSELEC-3EZ3.9D5 Datasheet
131Kb / 2P
   3.0W SILICON ZENER DIODE
logo
Microsemi Corporation
HSMBJ5913B MICROSEMI-HSMBJ5913B Datasheet
80Kb / 2P
   SILICON 3.0W ZENER DIOCE
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com