Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2323-16 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2323-16
Description  Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2323-16 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2323-16_15 Datasheet HTML 3Page - Linear Technology LTC2323-16_15 Datasheet HTML 4Page - Linear Technology LTC2323-16_15 Datasheet HTML 5Page - Linear Technology LTC2323-16_15 Datasheet HTML 6Page - Linear Technology LTC2323-16_15 Datasheet HTML 7Page - Linear Technology LTC2323-16_15 Datasheet HTML 8Page - Linear Technology LTC2323-16_15 Datasheet HTML 9Page - Linear Technology LTC2323-16_15 Datasheet HTML 10Page - Linear Technology LTC2323-16_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC2323-16
7
232316fa
For more information www.linear.com/LTC2323-16
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs Temperature
Gain Error vs Temperature
REFOUT1,2 Output vs Temperature
IREF vs Temperature,
VREF = 4.096V
Supply Current
vs Sample Frequency
OVDD Current vs SCK Frequency,
CLOAD = 10pF
Crosstalk vs Input Frequency
CMRR vs Input Frequency
Output Match with Simultaneous
Input Steps at CH1, CH2
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFOUT1,2 =
4.096V, fSMPL = 5Msps, unless otherwise noted.
FREQUENCY (MHz)
–104
–95
–98
–101
–92
–89
–83
–86
–80
232316 G11
0
1
0.5
1.5
2
2.5
FREQUENCY (MHz)
–136
–134
–132
–130
–128
–126
232316 G10
0
1
0.5
1.5
2
2.5
232316 G12
TIME (ns)
0
200
100
35000
30000
25000
20000
15000
10000
5000
0
–5000
CH2
CH1
TEMPERATURE (°C)
–50
0.50
1.00
1.50
125
0
–0.50
0
50
–25
25
75 100
150
–2.00
–2.50
–1.00
2.00
–1.50
232316 G13
CH1
CH2
TEMPERATURE (°C)
–40
0.5
1.0
0
–0.5
0
50
–25
25
75
100 125
–1.0
–1.5
1.5
232316 G14
232316 G15
TEMPERATURE (°C)
–50
150
50
0
100
200
100
0
–100
–200
–300
–400
–500
2.048V
4.096V
TEMPERATURE (°C)
–40
0.675
100
0
40
–20
20
60
80
120
0.665
0.670
0.680
232316 G16
SAMPLE FREQUENCY (Msps)
8
10
12
14
16
232316 G17
0
2
1
3
4
5
6
SCK FREQUENCY (MHz)
0
2
4
6
8
232316 G18
0
20
40
60
10
30
80
50
70
100 110
90


Similar Part No. - LTC2323-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
logo
Analog Devices
LTC2323-16 AD-LTC2323-16 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
More results

Similar Description - LTC2323-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
   Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-14 LINER-LTC2323-14_15 Datasheet
1Mb / 24P
   Dual, 14-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-12 LINER-LTC2323-12_15 Datasheet
1Mb / 24P
   Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16 Datasheet
2Mb / 26P
   Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-14 LINER-LTC2321-14_15 Datasheet
1Mb / 28P
   Dual, 14-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-12 LINER-LTC2321-12_15 Datasheet
995Kb / 26P
   Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com