Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2351-14 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2351-14
Description  6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2351-14 Datasheet(HTML) 1 Page - Linear Technology

  LTC2351-14_15 Datasheet HTML 1Page - Linear Technology LTC2351-14_15 Datasheet HTML 2Page - Linear Technology LTC2351-14_15 Datasheet HTML 3Page - Linear Technology LTC2351-14_15 Datasheet HTML 4Page - Linear Technology LTC2351-14_15 Datasheet HTML 5Page - Linear Technology LTC2351-14_15 Datasheet HTML 6Page - Linear Technology LTC2351-14_15 Datasheet HTML 7Page - Linear Technology LTC2351-14_15 Datasheet HTML 8Page - Linear Technology LTC2351-14_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2351-14
1
235114fb
FEATURES
APPLICATIONS
DESCRIPTION
6-Channel, 14-Bit, 1.5Msps
Simultaneous Sampling ADC
with Shutdown
The LTC®2351-14 is a 14-bit, 1.5Msps ADC with six simul-
taneously sampled differential inputs. The device draws
only 5.5mA from a single 3V supply, and comes in a tiny
32-pin (5mm
× 5mm) QFN package. A sleep shutdown
mode further reduces power consumption to 12μW. The
combination of low power and tiny package makes the
LTC2351-14 suitable for portable applications.
The LTC2351-14 contains six separate differential inputs
that are sampled simultaneously on the rising edge of the
CONV signal. These six sampled inputs are then converted
at a rate of 250ksps per channel.
The 83dB common mode rejection allows users to eliminate
ground loops and common mode noise by measuring
signals differentially from the source.
The device converts 0V to 2.5V unipolar inputs differentially,
or ±1.25V bipolar inputs also differentially, depending on the
state of the BIP pin. Any analog input may swing rail-to-rail
as long as the differential input range is maintained.
The conversion sequence can be abbreviated to convert
fewer than six channels, depending on the logic state of
the SEL2, SEL1 and SEL0 inputs.
Theserialinterfacesendsoutthesixconversionresultsin96
clocks for compatibility with standard serial interfaces.
n 1.5Msps ADC with Six Simultaneously Sampled
Differential Inputs
n 250ksps Throughput per Channel
n 75dB SINAD
n Low Power Dissipation: 16.5mW
n 3V Single Supply Operation
n 2.5V Internal Bandgap Reference, Can Be Overdriven
with External Reference
n 3-Wire SPI-Compatible Serial Interface
n Internal Conversion Triggered by CONV
n Sleep (12μW) Shutdown Mode
n NAP (4.5mW) Shutdown Mode
n 0V to 2.5V Unipolar, or ±1.25V Bipolar Differential
Input Range
n 83dB Common Mode Rejection
n Tiny 32-Pin (5mm
× 5mm) QFN Package
n Multiphase Power Measurement
n Multiphase Motor Control
n Data Acquisition Systems
n Uninterruptable Power Supplies
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6084440, 6522187.
BLOCK DIAGRAM
4
5
25
24
7
6
9
12
13
16
19
8
CH0
CH0+
CH1
CH1+
10
11
14
15
CH2
CH2+
CH3
CH3+
17
18
20
21
S AND H
S AND H
S AND H
S AND H
S AND H
CH4
CH4+
CH5
CH5+
MUX
VREF
10μF
BIP
SEL2 SEL1 SEL0
GND
2.5V
REFERENCE
1.5Msps
14-BIT ADC
14-BIT LATCH 5
14-BIT LATCH 4
14-BIT LATCH 3
14-BIT LATCH 2
14-BIT LATCH 1
14-BIT LATCH 0
10μF
3V
VCC
VDD
26
29
23
22
33
27
28
2
1
SD0
0.1μF
3
OVDD
3V
32
SCK
31
DGND
OGND
30
CONV
THREE-
STATE
SERIAL
OUTPUT
PORT
TIMING
LOGIC
235114 TA01
S AND H


Similar Part No. - LTC2351-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results

Similar Description - LTC2351-14_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12 Datasheet
278Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2320-12 LINER-LTC2320-12 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com