Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1061 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1061
Description  High Performance Triple Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1061 Datasheet HTML 7Page - Linear Technology LTC1061 Datasheet HTML 8Page - Linear Technology LTC1061 Datasheet HTML 9Page - Linear Technology LTC1061 Datasheet HTML 10Page - Linear Technology LTC1061 Datasheet HTML 11Page - Linear Technology LTC1061 Datasheet HTML 12Page - Linear Technology LTC1061 Datasheet HTML 13Page - Linear Technology LTC1061 Datasheet HTML 14Page - Linear Technology LTC1061 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1061
Figure 17. Measured Amplitude Response of the Topology of
Figure 16, Configured to Provide a 6th Order Elliptic Highpass
Filter Operating with a Clock-to-Cutoff Frequency Ratio of 250:1.
ODES OF OPERATIO
Figure 15. Resistor Values and Amplitude Response of
the Topology of Figure 12.
passive ladder filters provide enough data to synthesize
the above filters. The measured amplitude response of
such a lowpass is shown in Figure 15 where the filter
output is taken out of side A’s Pin 1, Figure 12. The clock-
to-center frequency ratio can be either 50:1 or 100:1
because the last stage of the LTC1061 operates in Mode 1
with a center frequency very close to the overall cutoff
frequency of the lowpass filter.
In Figure 16, all three sides of the LTC1061 are connected
in Mode 3a. This topology is useful for elliptic highpass
and notch filters with clock-to-cutoff (or notch) frequency
ratio higher than 100:1. This is often required to extend the
allowed input signal frequency range and to avoid prema-
ture aliasing. Figure 16 is also a versatile, general purpose
architecture providing 3 notches and 4 pole pairs, and
there is no restriction on the location of the poles with
respect to the notch frequencies. The drawbacks, when
compared to Figure 12, are the use of an external op amp
and the increased number of the required external resis-
tors.
Figure 17 shows the measured frequency of a 6th order
highpass elliptic filter operating with 250:1 clock-to-cutoff
frequency ratio. With a 1MHz clock, for instance, the filter
yields a 4kHz cutoff frequency, thus allowing an input
frequency range beyond 100kHz. Band limiting can be
easily added by placing a capacitor across the feedback
resistor of the external op amp of Figure 16.
fIN (kHz)
1
–10
9
1061 F15
–30
–60
–80
3
5
7
0
–50
–40
–20
0
–70
–90
2
4
68
10
STANDARD 1%
RESISTOR VALUES
R11 = 39.2k
R31 = 13.7k
Rh1 = 20.5k
R22 = 10k
R42 = 14k
Rl2 = 11.8k
R33 = 100k
R21 = 10k
R41 = 39.2k
Rl1 = 12.4k
R32 = 26.7k
Rh2 = 32.4k
R23 = 10k
NOTES: USE A 10pF ACROSS R42
FOR fCLK > 1MHz.
THE ELLIPTIC LOWPASS FILTER
HAS ONLY TWO NOTCHES IN THE
STOPBAND, AND IT OPERATES
WITH A CLOCK TO CUTOFF
FREQUENCY RATIO OF 50:1.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VIN
LTC1061 F16
LTC1061
Rh2
R43
R33
T2Ll, CMOS
CLOCK INPUT
V
V +
Rl2
R32
R22
R42
R31
R41
Rl1
R21
R11
Rh1
Rl3
Rh3
R23
VOUT
Rg
LT1056
fIN (kHz)
0
–10
2.0
1061 F17
–30
–60
–80
0.5
1.0
1.5
2.5
–50
–40
–20
0
–70
–90
fCLK = 250kHz
R11 = 105k
R31 = 47.5k
Rh1 = 10k
R22 = 32.4k
R42 = 52.3k
Rl2 = 750k
R33 = 255k
Rh3 = 10k
Rg = 140k
R21 = 10k
R41 = 45.3k
Rl1 = 1.07M
R32 = 28.7k
Rh2 = 42.2k
R23 = 10k
R43 = 63.4k
Rl3 = 110k
NOTE: FOR CLOCK FREQUENCIES
BELOW 500kHz, USE A CAPACI-
TOR IN PARALLEL WITH R21
SUCH AS (1/2
πR21C) ≅ fCLK/3.
STANDARD 1%
RESISTOR VALUES
Figure 16. Using an External Op Amp to Connect
all 3 Sides of the LTC1061 in Mode 3a.


Similar Part No. - LTC1061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061 LINER-LTC1061 Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061 LINER-LTC1061 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061ACJ LINER-LTC1061ACJ Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061ACN LINER-LTC1061ACN Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061AMJ LINER-LTC1061AMJ Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
More results

Similar Description - LTC1061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061 LINER-LTC1061_09 Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com