Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP15H120S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSP15H120S
Description  15A, 120V - 200V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSP15H120S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSP15H120S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSP15H120S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSP15H120S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSP15H120S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSP15H120S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ High efficiency
- High forward surge capability
- Ideal for automated placement
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
SYMBOL
UNIT
VRRM
V
IF(AV)
A
IF = 7.5A
IF = 15A
IF = 7.5A
IF = 15A
TJ = 25°C
μA
TJ = 125°C
mA
RθJL
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1409004
Version:A15
Storage temperature range
35
Instantaneous reverse current per diode at rated
reverse voltage
IR
Typical thermal resistance
9
Operating temperature range
- 55 to +150
- 55 to +150
15
V
IFSM
250
MAX
0.57
-
TYP
MAX
TYP
MAX
Taiwan Semiconductor
FEATURES
MECHANICAL DATA
- Moisture sensitivity level: level 1, per J-STD-020
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
TYPICAL APPLICATIONS
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters, lighting
and on-board DC/DC converters.
Polarity:
As marked
Weight:
95mg (approximately)
Note 1: Pulse Test with Pulse Width = 300μs, 1% duty cycle
15A, 120V - 200V Trench Schottky Rectifiers
PARAMETER
Maximum repetitive peak reverse voltage
A
Maximum average forward rectified current
15
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
TJ = 25°C
TJ = 125°C
TYP
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TO-277A (SMPC)
Case:
TO-277A (SMPC)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
TSP15H200S
TSP15H150S
TSP15H120S
Marking code
15H120
0.67
0.75
0.69
-
0.75
0.84
6
150
0.48
-
0.58
0.66
-
250
0.66
0.76
0.56
-
0.63
0.73
425
120
150
200
425
0.73
-
0.79
15H150
15H200
TSP15H120S - TSP15H200S
Instantaneous forward voltage
per diode (Note 1)
VF
6
150
0.89
0.59
-


Similar Part No. - TSP15H120S

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TSP150A FCI-TSP150A Datasheet
1,014Kb / 4P
   LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
TSP150A FCI-TSP150A Datasheet
189Kb / 3P
   THYRISTOR SURGE PROTECTOR SMB TYPE SURFACE MOUNT
TSP150AL FCI-TSP150AL Datasheet
110Kb / 3P
   THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
TSP150AL FCI-TSP150AL Datasheet
1,014Kb / 4P
   LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
TSP150ALL FCI-TSP150ALL Datasheet
1,014Kb / 4P
   LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
More results

Similar Description - TSP15H120S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
   10A, 200V Trench Schottky Rectifiers
logo
SeCoS Halbleitertechnol...
SMPD15120L SECOS-SMPD15120L Datasheet
219Kb / 2P
   120V, 15A Low VF Schottky Barrier Rectifiers
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
   200V, 15A Low VF Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
   30A, 100V - 200V Trench Schottky Rectifiers
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
   20A, 100V - 200V Trench Schottky Rectifiers
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
MBR1545CT-Y TSC-MBR1545CT-Y Datasheet
231Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRF1545CT-Y TSC-MBRF1545CT-Y Datasheet
265Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Mospec Semiconductor
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com