Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2450-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2450-1
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2450-1_15 Datasheet HTML 7Page - Linear Technology LTC2450-1_15 Datasheet HTML 8Page - Linear Technology LTC2450-1_15 Datasheet HTML 9Page - Linear Technology LTC2450-1_15 Datasheet HTML 10Page - Linear Technology LTC2450-1_15 Datasheet HTML 11Page - Linear Technology LTC2450-1_15 Datasheet HTML 12Page - Linear Technology LTC2450-1_15 Datasheet HTML 13Page - Linear Technology LTC2450-1_15 Datasheet HTML 14Page - Linear Technology LTC2450-1_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2450-1
11
24501fc
Examples of Aborting Cycle using CS
For some applications the user may wish to abort the I/O
cycle and begin a new conversion. If the LTC2450-1 is in
the data output state, a CS rising edge clears the remaining
data bits from memory, aborts the output cycle and triggers
a new conversion. Figure 9 shows an example of aborting
an I/O with idle-high (CPOL = 1) and Figure 10 shows an
example of aborting an I/O with idle-low (CPOL = 0).
A new conversion cycle can be triggered using the CS
signal without having to generate any serial clock pulses
as shown in Figure 11. If SCK is maintained at a LOW
logic level, after the end of a conversion cycle, a new
conversion operation can be triggered by pulling CS low
and then high. When CS is pulled low (CS = LOW), SDO
will output the most significant bit (D15) of the result of
the just completed conversion. While a low logic level is
maintained at SCK pin and CS is subsequently pulled high
(CS = HIGH) the remaining 15 bits of the result (D14:D0)
are discarded and a new conversion cycle starts.
Following the aborted I/O, additional clock pulses in the
CONVERT state are acceptable, but excessive signal tran-
sitions on SCK can potentially create noise on the ADC
during the conversion, and thus may negatively influence
the conversion accuracy.
APPLICATIONS INFORMATION
Figure 8. Idle-Low (CPOL = 0) Clock. The 16th SCK Falling Edge Triggers a New Conversion
Figure 7. Idle-Low (CPOL = 0) Clock. CS Triggers a New Conversion
D15
D14
D13
D12
D2
D1
D0
clk1
clk2
clk3
clk4 clk14
clk15
clk16
SCK
SD0
CONVERT
CONVERT
SLEEP
LOW ICC
DATA OUTPUT
24501 F07
CS
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk14
clk16
SCK
CONVERT
CONVERT
SLEEP
LOW ICC
DATA OUTPUT
24501 F08
CS


Similar Part No. - LTC2450-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450-1 LINER-LTC2450-1 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2450-1 LINER-LTC2450-1 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LTC2450-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450_15 Datasheet
208Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450 Datasheet
633Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
   Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2452 LINER-LTC2452 Datasheet
294Kb / 20P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com