Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2921 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2921_15 Datasheet HTML 3Page - Linear Technology LTC2921_15 Datasheet HTML 4Page - Linear Technology LTC2921_15 Datasheet HTML 5Page - Linear Technology LTC2921_15 Datasheet HTML 6Page - Linear Technology LTC2921_15 Datasheet HTML 7Page - Linear Technology LTC2921_15 Datasheet HTML 8Page - Linear Technology LTC2921_15 Datasheet HTML 9Page - Linear Technology LTC2921_15 Datasheet HTML 10Page - Linear Technology LTC2921_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2921/LTC2922 Series
7
29212fa
Figure 1. LTC2921 and LTC2922 Functional Diagram
2921/22 F01
LATCH
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
OVERVOLTAGE
MONITOR
CONTROL
LOGIC
VPUMP
VPUMP
VPUMP
GATE
ON
TIMER
DONE
PULSE
TIMER
DONE
CIRCUIT
BREAKER
RESET PULSE
TIMER ENABLE
TIMER
ENABLE
GATE
ENABLE
REMOTE
SENSE
SWITCH
ENABLE
PG
ENABLE
4
µA
2
µA
10
µA
VCC
VCC
PG
GATE
TIMER
+ –
50mV
0.5V
0.7V
SENSE
VCC
V1
V2
V3
V4
(LTC2922 ONLY)
D4
S4
(LTC2922 ONLY)
D3
D2
D1
(LTC2922 ONLY)
D0
S0
(LTC2922 ONLY)
S1
S2
S3
1.2V
OVERCURRENT
UNDERVOLTAGE
SWITCHES ON
VSWON
VSWON
VSWON
REMOTE
SENSE
SWITCH
GATE
REFERENCE
GENERATOR
AND
CHARGE
PUMP
+
VPUMP ≈ 11.1V
AT VCC =5V
1.2V
0.7V
0.5V
GND
APPROXIMATELY 1V
FUNCTIONAL DIAGRA


Similar Part No. - LTC2921_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2921CGN LINER-LTC2921CGN Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921CGN-2.5 LINER-LTC2921CGN-2.5 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921CGN-3.3 LINER-LTC2921CGN-3.3 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921IGN LINER-LTC2921IGN Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921IGN-2.5 LINER-LTC2921IGN-2.5 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
More results

Similar Description - LTC2921_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2926 LINER-LTC2926_15 Datasheet
547Kb / 28P
   MOSFET-Controlled Power Supply Tracker
LTC2926 LINER-LTC2926 Datasheet
541Kb / 28P
   MOSFET-Controlled Power Supply Tracker
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
   EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Linear Technology
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
logo
Union Semiconductor, In...
UM805 UNIONSEMI-UM805 Datasheet
379Kb / 14P
   Voltage Monitors with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com