Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3527 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3527
Description  Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3527 Datasheet(HTML) 3 Page - Linear Technology

  LTC3527_15 Datasheet HTML 1Page - Linear Technology LTC3527_15 Datasheet HTML 2Page - Linear Technology LTC3527_15 Datasheet HTML 3Page - Linear Technology LTC3527_15 Datasheet HTML 4Page - Linear Technology LTC3527_15 Datasheet HTML 5Page - Linear Technology LTC3527_15 Datasheet HTML 6Page - Linear Technology LTC3527_15 Datasheet HTML 7Page - Linear Technology LTC3527_15 Datasheet HTML 8Page - Linear Technology LTC3527_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC3527/LTC3527-1
3
35271fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3527E/LTC3527E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Current is measured into the VOUT pin since the supply current is
bootstrapped to the output. The current will reflect to the input supply by:
(VOUT/VIN) • (1/Efficiency). All switches are off.
The
l denotes the specifications which apply over the full operating
temperature range, –40°C to 85°C. VIN = VIN1 = VIN2 = 1.2V, VOUT1 = VOUT2 = 3.3V, TA = 25°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PMOS Switch Leakage Current (LTC3527)
VSW1,2 = 5V, VOUT1,2 = 0V, SHDN1,2 = 0V
0.1
10
μA
NMOS and PMOS Combined Switch Leakage Current
(LTC3527-1)
VSW1,2 = 5V, VOUT1,2 = 0V, SHDN1,2 = 0V (Note 6)
0.2
20
μA
NMOS Switch On-Resistance, SW1
0.30
Ω
NMOS Switch On-Resistance, SW2
0.50
Ω
PMOS Switch On-Resistance, SW1
0.40
Ω
PMOS Switch On-Resistance, SW2
0.60
Ω
NMOS Current Limit, SW1
l
800
mA
NMOS Current Limit, SW2
l
400
mA
Current Limit Delay to Output Time
(Note 4)
60
ns
Maximum Duty Cycle
VFB1,2 = 1V
l
85
90
%
Minimum Duty Cycle
VFB1,2 = 1.3V
l
0%
Switching Frequency
VFSEL = 0V
l
0.9
1.2
1.5
MHz
Switching Frequency
VFSEL = 3.3V
l
1.8
2.2
2.8
MHz
SHDN1,2 Input High Voltage
0.88
V
SHDN1,2 Input Low Voltage
0.35
V
SHDN1,2 Input Current
VSHDN1,2 = 3.3V
1
2
μA
PGOOD1, PGOOD2 Threshold
Referenced to the Feedback Voltage
–6
–9
–14
%
PGOOD1, PGOOD2 Low Voltage
IPGOOD1,2 = 1mA
0.1
0.2
V
PGOOD1, PGOOD2 Leakage Current
VPGOOD1,2 = 5.25V
0.01
1
μA
MODE Input High Voltage
1V
MODE Input Low Voltage
0.35
V
MODE Input Current
VMODE = 3.3V
1
2
μA
FSEL Input High Voltage
0.88
V
FSEL Input Low Voltage
0.35
V
FSEL Input Current
VFSEL = 3.3V
1
2
μA
Soft-Start Time
0.5
ms
Note 4: Specification is guaranteed by design and not 100% tested in
production.
Note 5: The LTC3527/LTC3527-1 includes an overtemperature shutdown
that is intended to protect the device during momentary overload
conditions. Junction temperature will exceed 125°C when the over-
temperature shutdown is active. Continuous operation above the specified
maximum junction temperature may impair device reliability.
Note 6: The NMOS and PMOS switch leakage currents are tested in parallel
for the LTC3527-1 because VOUT1,2 are actively pulled to ground when
SHDN1,2 = 0V


Similar Part No. - LTC3527_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3527-1 LINER-LTC3527-1 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3527_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com