Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1061ACN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1061ACN
Description  High Performance Triple Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061ACN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1061ACN Datasheet HTML 4Page - Linear Technology LTC1061ACN Datasheet HTML 5Page - Linear Technology LTC1061ACN Datasheet HTML 6Page - Linear Technology LTC1061ACN Datasheet HTML 7Page - Linear Technology LTC1061ACN Datasheet HTML 8Page - Linear Technology LTC1061ACN Datasheet HTML 9Page - Linear Technology LTC1061ACN Datasheet HTML 10Page - Linear Technology LTC1061ACN Datasheet HTML 11Page - Linear Technology LTC1061ACN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1061
ODES OF OPERATIO
Figure 6. Measures Frequency Response of
the Lowpass Butterworth Filter of Figure 3.
2. Secondary Modes: Mode 1b – It is derived from Mode
1. In Mode 1b, Figure 7, two additional resistors, R5 and
R6, are added to attenuate the amount of voltage fed back
from the lowpass output into the input of the SA (SB)
switched capacitor summer. This allows the filter clock-
to-center frequency ratio to be adjusted beyond 50:1 (or
100:1). Mode 1b still maintains the speed advantages of
Mode 1. Figure 8 shows the 3 lowpass sections of the
LTC1061 in cascade resulting in a Chebyshev lowpass
filter. The side A of the IC is connected in Mode 1b to
provide the first resonant frequency below the cutoff
frequency of the filter. The practical ripple, obtained by
using a non-A version of the LTC1061 and 1% standard
resistor values, was 0.15dB. For this 6th order lowpass,
the textbook Qs and center frequencies normalized to the
ripple bandwidth are: Q1 = 0.55, fO1 = 0.71, Q2 = 1.03, FO2
= 0.969, Q3 = 3.4, FO3 = 1.17. The design was done with
speed in mind. The higher (Q3, FO3) section was in Mode
1 and placed in the side B of the LTC1061. The remaining
two center frequencies were then normalized with respect
to the center frequency of side B; this changes the ratio of
clock-to-cutoff frequency from 50:1 to 50
× 1.17 = 58.5:1.
As shown in Figure 9, the maximum cutoff frequency is
about 33kHz. The total wideband output noise is 220
µVRMS
and the measured output DC offset voltage is 60mV.
+
Σ
AGND
R1
N
BP
LP
VIN
1061 F07
+
S
R2
R3
R6
R5
fO =
; fn = fO; Q =
HON1 (f → 0) = HON2
= –
HOLP =
; HOBP = –
; (R5//R6) <5k
fCLK
100(50)
R2
R1
R3
R2
–R2/R1
R6/(R5 + R6)
R3
R1
R6
R5 + R6
R6
R5 + R6
fCLK
2
f
()
fIN (Hz)
10k
–70
–60
–50
–40
–30
100k
1M
1061 F09
–20
–10
0
30k
VS > ±5V
TA = 25°C
VIN = 1VRMS
fCLK = 1.9MHz
Figure 8. 6th Order Chebyshev, Lowpass Filter Using 3
Different Modes of Operation for Speed Optimization
Figure 9. Amplitude Response of the 6th Order
Chebyshev Lowpass Filter of Figure 8
Figure 7. Mode 1b: 2nd Order Filter Providing
Notch, Bandpass, Lowpass
fIN (Hz)
10k
–70
–60
–50
–40
–30
100k
1M
1061 F06
–20
–10
0
20k
40k
200k
VS ≥ ±5V
TA = 25°C
VIN = 1VRMS
fCLK = 2MHz
fC = 40kHz
fCLK = 1MHz
fC = 20kHz
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R32
VOUT
R11
VIN
LTC1061 F08
LTC1061
R22
R12
R33
R23
R43
R31
R21
fCLK < 2MHz
V
R13
V+
R51
R61
STANDARD 1% RESISTOR VALUES
R11 = 35.7k
R31 = 11.5k
R51 = 5.49k
R12 = 11k
R61 = 2.87k
R22 = 11k
R23 = 10.5
R43 = 15.8k
R32 = 36.5k
R13 = 15.8k
R33 = 13k
R21 = 12.1k


Similar Part No. - LTC1061ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061ACN LINER-LTC1061ACN Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
More results

Similar Description - LTC1061ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061 LINER-LTC1061_09 Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com