Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1064-7M Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1064-7M
Description  Linear Phase, 8th Order Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-7M Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1064-7M Datasheet HTML 4Page - Linear Technology LTC1064-7M Datasheet HTML 5Page - Linear Technology LTC1064-7M Datasheet HTML 6Page - Linear Technology LTC1064-7M Datasheet HTML 7Page - Linear Technology LTC1064-7M Datasheet HTML 8Page - Linear Technology LTC1064-7M Datasheet HTML 9Page - Linear Technology LTC1064-7M Datasheet HTML 10Page - Linear Technology LTC1064-7M Datasheet HTML 11Page - Linear Technology LTC1064-7M Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1064-7
S
APPLICATI
I FOR ATIO
Speed Limitations
To avoid op amp slew rate limiting at maximum clock
frequencies, the signal amplitude should be kept below a
specified level as shown in Table 9.
Table 9. Maximum VIN vs VS and Clock
POWER SUPPLY
MAXIMUM fCLK
MAXIMUM VIN
±7.5V
5.0MHz
1.8VRMS (fIN > 80kHz)
4.5MHz
2.3VRMS (fIN > 80kHz)
4.0MHz
2.7VRMS (fIN > 80kHz)
≥ 3.5MHz
1.4VRMS (fIN > 500kHz)
±5V
3.5MHz
1.6VRMS (fIN > 80kHz)
≥ 3.0MHz
0.7VRMS (fIN > 400kHz)
Single 5V
2.0MHz
0.5VRMS (fIN > 250kHz)
Table 10. Transient Response of LTC Lowpass Filters
DELAY
RISE
SETTLING
OVER-
TIME*
TIME**
TIME***
SHOOT
LOWPASS FILTER
(SEC)
(SEC)
(SEC)
(%)
LTC1064-3 Bessel
0.50/fC
0.34/fC
0.80/fC
0.5
LTC1164-5 Bessel
0.43/fC
0.34/fC
0.85/fC
0
LTC1164-6 Bessel
0.43/fC
0.34/fC
1.15/fC
1
LTC1264-7 Linear Phase
1.15/fC
0.36/fC
2.05/fC
5
LTC1164-7 Linear Phase
1.20/fC
0.39/fC
2.2/fC
5
LTC1064-7 Linear Phase
1.20/fC
0.39/fC
2.2/fC
5
LTC1164-5 Butterworth
0.80/fC
0.48/fC
2.4/fC
11
LTC1164-6 Elliptic
0.85/fC
0.54/fC
4.3/fC
18
LTC1064-4 Elliptic
0.90/fC
0.54/fC
4.5/fC
20
LTC1064-1 Elliptic
0.85/fC
0.54/fC
6.5/fC
20
* To 50%
±5%, ** 10% to 90% ±5%, *** To 1% ±0.5%
Table 11. Aliasing (fCLK = 100kHz)
INPUT FREQUENCY
OUTPUT LEVEL
OUTPUT FREQUENCY
(VIN = 1VRMS,
(Relative to Input,
(Aliased Frequency
fIN = fCLK ± fOUT)
0dB = 1VRMS)fOUT = ABS [fCLK ± fIN])
(kHz)
(dB)
(kHz)
50:1, fCUTOFF = 2kHz
190 (or 210)
–76.1
10.0
195 (or 205)
– 51.9
5.0
196 (or 204)
– 36.3
4.0
197 (or 203)
– 18.4
3.0
198 (or 202)
– 3.0
2.0
199.5 (or 200.5)
– 0.2
0.5
100:1, fCUTOFF = 1kHz
97 (or 103)
–74.2
3.0
97.5 (or 102.5)
– 53.2
2.5
98 (or 102)
– 36.9
2.0
98.5 (or 101.5)
– 19.6
1.5
99 (or 101)
– 5.2
1.0
99.5 (or 100.5)
– 0.7
0.5
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Transient Response
50
µs/DIV
1064-7 F05
VS = ±7.5V, fIN = 2kHz ± 3V
fCLK = 1MHz, RATIO = 50:1
Figure 6.
INPUT
90%
50%
10%
OUTPUT
tr
td
ts
1064-7 F06
RISE TIME (tr) =
±5%
0.39
fCUTOFF
SETTLING TIME (ts) =
±5%
(TO 1% of OUTPUT)
2.2
fCUTOFF
DELAY TIME (td) = GROUP DELAY ≈
(TO 50% OF OUTPUT)
1.2
fCUTOFF
Figure 5.
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs when input frequencies close to the
sampling frequency are applied. For the LTC1064-7 case
at 100:1, an input signal whose frequency is in the range
of fCLK ±3%, will be aliased back into the filter’s passband.
If, for instance, an LTC1064-7 operating with a 100kHz
clock and 1kHz cutoff frequency receives a 98kHz, 10mV
input signal, a 2kHz, 143
µVRMS alias signal will appear at
its output. When the LTC1064-7 operates with a clock-to-
cutoff frequency of 50:1, aliasing occurs at twice the clock
frequency. Table 11 shows details.


Similar Part No. - LTC1064-7M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7MJ LINER-LTC1064-7MJ Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
More results

Similar Description - LTC1064-7M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com