Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5406 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UF5406
Description  Soft Recovery Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UF5406 Datasheet(HTML) 2 Page - Vishay Siliconix

  UF5406 Datasheet HTML 1Page - Vishay Siliconix UF5406 Datasheet HTML 2Page - Vishay Siliconix UF5406 Datasheet HTML 3Page - Vishay Siliconix UF5406 Datasheet HTML 4Page - Vishay Siliconix UF5406 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UF5400,UF5401,UF5402,UF5403,UF5404,UF5405,UF5406,UF5407,UF5408
www.vishay.com
Vishay General Semiconductor
Revision: 10-Feb-15
2
Document Number: 88756
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Thermal resistance from junction to lead and from junction to ambient with 0.375" (9.5 mm) lead length, both leads attached to heatsink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL UF5400 UF5401 UF5402 UF5403 UF5404 UF5405 UF5406 UF5407 UF5408 UNIT
Maximum
instantaneous
forward voltage
3.0 A
VF (1)
1.0
1.7
V
Maximum DC
reverse current
at rated DC
blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
75
200
Maximum
reverse recovery
time
IF = 0.5 A,
IR = 1.0 A,
Irr = 0.25 A
TJ = 25 °C
trr
50
75
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
45
36
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL UF5400 UF5401 UF5402 UF5403 UF5404 UF5405 UF5406 UF5407 UF5408 UNIT
Typical thermal resistance
R
JA
(1)
20
°C/W
R
JL
(1)
8.5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UF5406-E3/54
1.172
54
1400
13" diameter paper tape and reel
UF5406-E3/73
1.172
73
1000
Ammo pack packaging
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
3.0
Ambient Temperature (°C)
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Average Forward Current (A)
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0


Similar Part No. - UF5406

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UF5406 CHENDA-UF5406 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
Jinan Gude Electronic D...
UF5406 JGD-UF5406 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5406 SAMYANG-UF5406 Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF5406 JINGHENG-UF5406 Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
TAITRON Components Inco...
UF5406 TAITRON-UF5406 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
More results

Similar Description - UF5406

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com