Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1064M Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1064M
Description  Low Noise, Fast, Quad Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064M Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1064M Datasheet HTML 6Page - Linear Technology LTC1064M Datasheet HTML 7Page - Linear Technology LTC1064M Datasheet HTML 8Page - Linear Technology LTC1064M Datasheet HTML 9Page - Linear Technology LTC1064M Datasheet HTML 10Page - Linear Technology LTC1064M Datasheet HTML 11Page - Linear Technology LTC1064M Datasheet HTML 12Page - Linear Technology LTC1064M Datasheet HTML 13Page - Linear Technology LTC1064M Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1064
ODES OF OPERATIO
+
LP
1064 F08
+ Σ
AGND
NS
1/4 LTC1064
R1
R2
VIN
R3
R4
BP
Figure 8. Mode 2: 2nd Order Filter Providing Notch, Bandpass and Lowpass
Mode 3a
This is an extension of Mode 3 where the highpass and
lowpass outputs are summed through two external resis-
tors RH and RL to create a notch. This is shown in Figure
9. Mode 3a is more versatile than Mode 2 because the
notch frequency can be higher or lower than the center
frequency of the 2nd order section. The external op amp of
Figure 9 is not always required. When cascading the
sections of the LTC1064, the highpass and lowpass out-
puts can be summed directly into the inverting input of the
next section. The topology of Mode 3a is useful for elliptic
highpass and notch filters with clock-to-cutoff frequency
ratios higher than 100:1. This is often required to extend
the allowed input signal frequency range and to avoid
premature aliasing.
When the internal clock-to-center frequency ratio is set at
50:1, the design equations for Q and bandpass gain are
different from the 100:1 case.
+
LP
+ Σ
AGND
HP
S
1/4 LTC1064
BP
R1
R2
VIN
R3
R4
1064 F09
CC
RL
RH
RG
NOTCH
EXTERNAL OP AMP OR INPUT
OP AMP OF THE LTC1064,
SIDE A, B, C, D
+
Figure 9. Mode 3a: 2nd Order Filter Providing Highpass, Bandpass, Lowpass and Notch
1064 F08Eq
fO =
1 +
; fn =
; Q =
1 +
; HOLP = –
;
fCLK
100
R2
R4
R3
R2
MODE 2 (100:1):
NOTE: THE 50:1 EQUATIONS FOR MODE 2 ARE DIFFERENT FROM THE EQUATIONS
FOR MODE 2 OPERATION OF THE LTC1059, LTC1060 AND LTC1061. START WITH
fO, CALCULATE R2/R4, SET R4; FROM THE Q VALUE, CALCULATE R3:
R2
R4
R2
R4
fO =
1 +
; fn =
; Q =
; HOLP = –
;
fCLK
50
fCLK
50
fCLK
50
MODE 2 (50:1):
R2
R3
R2
16R4
R2
R4
1.005
1 +
R3
R1
HOBP = –
; HON1(f→ 0) = –
; HON2 = f→
=
R3
16R4
1 –
R2
R4
R3 =
; THEN CALCULATE R1 TO SET THE DESIRED GAIN.
1 +
+
R2
1.005
Q
R2
16R4
R2
R1
R2
R4
1 +
R2
R1
R2
R1
R2
R4
1 +
R2
R1
R2
R4
1 +
fCLK
2
()
fCLK
2
()
HOBP = –
; HON1(f→ 0) = –
; HON2 f→
= –
R3
R1
R2
R1
R2
R1
R2
R4
1 +
1064 F09Eq
fO =
; fn =
; HOHP =
; HOBP =
fCLK
100
R2
R4
RH
RL
MODE 3a (100:1):
NOTE: THE 50:1 EQUATIONS FOR MODE 3A ARE DIFFERENT FROM
THE EQUATIONS FOR MODE 3A OPERATION OF THE LTC1059,
LTC1060 AND LTC1061. START WITH fO, CALCULATE R2/R4, SET R4;
FROM THE Q VALUE, CALCULATE R3:
R2
R4
fCLK
100
R2
R4
R3 =
; THEN CALCULATE R1 TO
SET THE DESIRED GAIN.
+
R2
1.005
Q
R2
16R4
R2
R1
R2
R3
R2
16R4
R2
R4
1.005
R3
R1
HOBP = –
; HOLP(f = 0) =
Q =
R3
16R4
1 –
R4
R1
;
R3
R1
;
R3
R2
R4
R1
fCLK
2
()
()()
()( )
RH
RL
R2
R4
fO =
1 +
; fn =
; HOHP f→
=
fCLK
50
fCLK
50
MODE 3a (50:1):
R2
R1
;
fCLK
2
()
()
HOLP = –
; HON1(f→ 0) =
; HON2 f→
=
;
HON(f = fO) = Q
HOLP
HOHP ; Q =
R4
R1
R2
R1
RG
RL
RG
RL
RG
RH
RG
RH


Similar Part No. - LTC1064M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064MJ LINER-LTC1064MJ Datasheet
270Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
More results

Similar Description - LTC1064M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com