Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR3PJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AR3PJ
Description  Fast Switching Avalanche Surface Mount Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AR3PJ Datasheet(HTML) 1 Page - Vishay Siliconix

  AR3PJ Datasheet HTML 1Page - Vishay Siliconix AR3PJ Datasheet HTML 2Page - Vishay Siliconix AR3PJ Datasheet HTML 3Page - Vishay Siliconix AR3PJ Datasheet HTML 4Page - Vishay Siliconix AR3PJ Datasheet HTML 5Page - Vishay Siliconix AR3PJ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AR3PD, AR3PG, AR3PJ
www.vishay.com
Vishay General Semiconductor
Revision: 12-Nov-13
1
Document Number: 89332
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Switching Avalanche Surface Mount Rectifiers
TYPICAL APPLICATIONS
For use in lighting, fast switching rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer, automotive, and telecommunication.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Glass passivated chip junction
• Fast reverse recovery time
• Controlled avalanche characteristics
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 14 mm x 14 mm pad areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended pad area
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
200 V, 400 V, 600 V
IFSM
50 A
trr
140 ns
EAS
20 mJ
VF at IF = 3.0 A
1.04 V
TJ max.
175 °C
Package
TO-277A (SMPC)
Diode variation
Single die
K
2
1
eSMP
® Series
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AR3PD
AR3PG
AR3PJ
UNIT
Device marking code
AR3D
AR3G
AR3J
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Maximum DC forward current (fig. 1)
IF (1)
3.0
A
IF (2)
1.8
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Non-repetitive avalance energy at TJ = 25 °C
IAS = 2.5 A max.
EAS
20
mJ
IAS = 1.0 A typ.
30
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C


Similar Part No. - AR3PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR3PJ VISHAY-AR3PJ Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AR3PJ VISHAY-AR3PJ Datasheet
94Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AR3PJ-M3-86A VISHAY-AR3PJ-M3-86A Datasheet
94Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AR3PJ-M3-87A VISHAY-AR3PJ-M3-87A Datasheet
94Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AR3PJ-M3/86A VISHAY-AR3PJ-M3/86A Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
More results

Similar Description - AR3PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AR4PD VISHAY-AR4PD Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 18-May-11
AR3PK VISHAY-AR3PK Datasheet
92Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AR4PD VISHAY-AR4PD_V01 Datasheet
100Kb / 5P
   Fast Switching Avalanche Surface-Mount Rectifiers
01-Jan-2022
AR4PK VISHAY-AR4PK_V01 Datasheet
100Kb / 5P
   Fast Switching Avalanche Surface-Mount Rectifiers
01-Jan-2022
AR3PD VISHAY-AR3PD_12 Datasheet
94Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AR3PD VISHAY-AR3PD_V01 Datasheet
100Kb / 5P
   Fast Switching Avalanche Surface-Mount Rectifiers
01-Jan-2022
AR4PK VISHAY-AR4PK_12 Datasheet
93Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 04-May-11
AR3PK VISHAY-AR3PK_15 Datasheet
90Kb / 6P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 21-Aug-13
AR4PD VISHAY-AR4PD_12 Datasheet
94Kb / 5P
   Fast Switching Avalanche Surface Mount Rectifiers
Revision: 18-May-11
AR3PK VISHAY-AR3PK_V01 Datasheet
100Kb / 5P
   Fast Switching Avalanche Surface-Mount Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com