Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30H90PT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR30H90PT
Description  Dual Common Cathode High Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR30H90PT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR30H90PT Datasheet HTML 1Page - Vishay Siliconix MBR30H90PT Datasheet HTML 2Page - Vishay Siliconix MBR30H90PT Datasheet HTML 3Page - Vishay Siliconix MBR30H90PT Datasheet HTML 4Page - Vishay Siliconix MBR30H90PT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR30H90PT, MBR30H100PT
www.vishay.com
Vishay General Semiconductor
Revision: 09-Aug-13
2
Document Number: 88678
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Derating Curve
Fig. 2 - Typical Instantaneous Forward Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MBR30H90PT
MBR30H100PT
UNIT
Maximum instantaneous forward voltage
per diode
VF (1)
IF = 15 A
TJ = 25 °C
0.82
V
IF = 15 A
TJ = 125 °C
0.67
IF = 30 A
TJ = 25 °C
0.93
IF = 30 A
TJ = 125 °C
0.80
Maximum instantaneous reverse current at
rated DC blocking voltage per diode
IR (1)
TJ = 25 °C
5.0
μA
TJ = 125 °C
6.0
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR30H90PT
MBR30H100PT
UNIT
Thermal resistance, junction to case per diode
RJC
1.6
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-247AD
MBR30H100PT-E3/4W
6.13
45
30/tube
Tube
0
0
5
10
15
20
25
30
35
75
50
25
100
125
150
175
Case Temperature (°C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100
10
0.1
0.01
1
Instantaneous Forward Voltage (V)
T
J = 100 °C
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C


Similar Part No. - MBR30H90PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H90PT VISHAY-MBR30H90PT Datasheet
65Kb / 2P
   High-Voltage Dual Schottky Rectifiers
02-Jul-02
MBR30H90PT VISHAY-MBR30H90PT Datasheet
324Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 25-Mar-08
MBR30H90PT VISHAY-MBR30H90PT Datasheet
84Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
01-Jan-2022
MBR30H90PT VISHAY-MBR30H90PT_V01 Datasheet
84Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
01-Jan-2022
More results

Similar Description - MBR30H90PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com