Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC7.5A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC7.5A
Description  1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC7.5A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC7.5A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC7.5A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC7.5A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC7.5A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1.5SMC7.5A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1.5SMC7.5A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1.5SMC7.5A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
Vc (V)
of VBR(%/°C)
1.5SMC6.8
DDJ
6.12
7.48
10
5.50
1000
145
10.8
0.057
1.5SMC6.8A
DEJ
6.46
7.14
10
5.80
1000
150
10.5
0.057
1.5SMC7.5
DFJ
6.75
8.25
10
6.05
500
134
11.7
0.061
1.5SMC7.5A
DGJ
7.13
7.88
10
6.40
500
139
11.3
0.061
1.5SMC8.2
DHJ
7.38
9.02
10
6.63
200
126
12.5
0.065
1.5SMC8.2A
DKJ
7.79
8.61
10
7.02
200
130
12.1
0.065
1.5SMC9.1
DLJ
8.19
10.00
1.0
7.37
50
114
13.8
0.068
1.5SMC9.1A
DMJ
8.65
9.55
1.0
7.78
50
117
13.4
0.068
1.5SMC10
DNJ
9.00
11.00
1.0
8.10
10
105
15.0
0.073
1.5SMC10A
DPJ
9.50
10.5
1.0
8.55
10
108
14.5
0.073
1.5SMC11
DQJ
9.90
12.1
1.0
8.92
1
97
16.2
0.075
1.5SMC11A
DRJ
10.5
11.6
1.0
9.40
1
100
15.6
0.075
1.5SMC12
DSJ
10.8
13.2
1.0
9.72
1
91
17.3
0.078
1.5SMC12A
DTJ
11.4
12.6
1.0
10.2
1
94
16.7
0.078
1.5SMC13
DUJ
11.7
14.3
1.0
10.5
1
82
19.0
0.081
1.5SMC13A
DVJ
12.4
13.7
1.0
11.1
1
86
18.2
0.081
1.5SMC15
DWJ
13.5
16.5
1.0
12.1
1
71
22.0
0.084
1.5SMC15A
DXJ
14.3
15.8
1.0
12.8
1
74
21.2
0.084
1.5SMC16
DYJ
14.4
17.6
1.0
12.9
1
67
23.5
0.086
1.5SMC16A
DZJ
15.2
16.8
1.0
13.6
1
70
22.5
0.086
1.5SMC18
EDJ
16.2
19.8
1.0
14.5
1
59
26.5
0.088
1.5SMC18A
EEJ
17.1
18.9
1.0
15.3
1
60
25.5
0.088
1.5SMC20
EFJ
18.0
22.0
1.0
16.2
1
54
29.1
0.090
1.5SMC20A
EGJ
19.0
21.0
1.0
17.1
1
56
27.7
0.090
1.5SMC22
EHJ
19.8
24.2
1.0
17.8
1
49
31.9
0.092
1.5SMC22A
EKJ
20.9
23.1
1.0
18.8
1
51
30.6
0.092
1.5SMC24
ELJ
21.6
26.4
1.0
19.4
1
45
34.7
0.094
1.5SMC24A
EMJ
22.8
25.2
1.0
20.5
1
47
33.2
0.094
1.5SMC27
ENJ
24.3
29.7
1.0
21.8
1
40
39.1
0.096
1.5SMC27A
EPJ
25.7
28.4
1.0
23.1
1
42
37.5
0.096
1.5SMC30
EQJ
27.0
33.0
1.0
24.3
1
36
43.5
0.097
1.5SMC30A
ERJ
28.5
31.5
1.0
25.6
1
38
41.4
0.097
1.5SMC33
ESJ
29.7
36.3
1.0
26.8
1
33
47.7
0.098
1.5SMC33A
ETJ
31.4
34.7
1.0
28.2
1
34
45.7
0.098
1.5SMC36
EUJ
32.4
39.6
1.0
29.1
1
30
52.0
0.099
1.5SMC36A
EVJ
34.2
37.8
1.0
30.8
1
31
49.9
0.099
1.5SMC39
EWJ
35.1
42.9
1.0
31.6
1
27
56.4
0.100
1.5SMC39A
EXJ
37.1
41.0
1.0
33.3
1
29
53.9
0.100
1.5SMC43
EYJ
38.7
47.3
1.0
34.8
1
25
61.9
0.101
1.5SMC43A
EZJ
40.9
45.2
1.0
36.8
1
26
59.3
0.101
1.5SMC47
FDJ
42.3
51.7
1.0
38.1
1
23
67.8
0.101
1.5SMC47A
FEJ
44.7
49.4
1.0
40.2
1
24
64.8
0.101
1.5SMC51
FFJ
45.9
56.1
1.0
41.3
1
21
73.5
0.102
1.5SMC51A
FGJ
48.5
53.6
1.0
43.6
1
22
70.1
0.102
1.5SMC56
FHJ
50.4
61.6
1.0
45.4
1
19
80.5
0.103
1.5SMC56A
FKJ
53.2
58.8
1.0
47.8
1
20
77.0
0.103
Document Number: DS_D1409027
Version: M15
1.5SMC SERIES
Taiwan Semiconductor
GENERAL
PART
NUMBER
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)


Similar Part No. - 1.5SMC7.5A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5SMC7.5A SUNMATE-1.5SMC7.5A Datasheet
622Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1.5SMC7.5A CENTRAL-1.5SMC7.5A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
MDE Semiconductor, Inc.
1.5SMC7.5A MDE-1.5SMC7.5A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1.5SMC7.5A LEIDITECH-1.5SMC7.5A Datasheet
1Mb / 4P
   Transient Voltage Suppressors Diode
logo
Vishay Siliconix
1.5SMC7.5A VISHAY-1.5SMC7.5A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC7.5A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_15 Datasheet
194Kb / 6P
   400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com