Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1090CN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1090CN
Description  Single Chip 10-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090CN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1090CN Datasheet HTML 4Page - Linear Technology LTC1090CN Datasheet HTML 5Page - Linear Technology LTC1090CN Datasheet HTML 6Page - Linear Technology LTC1090CN Datasheet HTML 7Page - Linear Technology LTC1090CN Datasheet HTML 8Page - Linear Technology LTC1090CN Datasheet HTML 9Page - Linear Technology LTC1090CN Datasheet HTML 10Page - Linear Technology LTC1090CN Datasheet HTML 11Page - Linear Technology LTC1090CN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1090
1090fc
TYPICAL PERFOR A CE CHARACTERISTICS
Change in Offset Error
vs Temperature
Change in Linearity Error
vs Temperature
Change in Gain Error
vs Temperature
Maximum Conversion Clock Rate
vs Temperature
Maximum Conversion Clock Rate
vs Reference Voltage
Maximum Conversion Clock Rate
vs Supply Voltage
Maximum Conversion Clock Rate
vs Source Resistance
Maximum Filter Resistor vs Cycle
Time
Sample-and-Hold Acquisition
Time vs Source Resistance
*MAXIMUM ACLK FREQUENCY REPRESENTS THE ACLK FREQUENCY AT WHICH A 0.1LSB
SHIFT IN THE ERROR AT ANY CODE TRANSITION FROM ITS 2MHz VALVE IS FIRST DETECTED.
**MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR VALVE AT WHICH A 0.1LSB SHIFT
CHANGE IN FULL SCALE ERROR FROM ITS VALUE AT RFILTER = 0 IS FIRST DETECTED.
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC10
0.3
0.2
–25
0
50
100
125
0.1
0
VCC = 5V
VREF = 5V
ACLK = 2MHz
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC11
0.3
0.2
–25
0
50
100
125
0.1
0
VCC = 5V
VREF = 5V
ACLK = 2MHz
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC12
0.3
0.2
–25
0
50
100
125
0.1
0
VCC = 5V
VREF = 5V
ACLK = 2MHz
AMBIENT TEMPERATURE, TA (°C)
–50
4
5
6
25
75
LTC1090 • TPC13
3
2
–25
0
50
100
125
1
0
VCC = 5V
VREF = 5V
REFERENCE VOLTAGE, VREF (V)
0
3
4
5
4
LTC1090 • TPC14
2
1
0
1
2
3
5
VCC = 5V
TA = 25°C
SUPPLY VOLTAGE, VCC (V)
4
7
6
5
4
3
2
1
0
79
LTC1090 • TPC15
56
810
VREF = 4V
TA = 25°C
RSOURCE– (Ω)
10
0
3
4
5
100
1k
10k
LTC1090 • TPC16
2
1
+INPUT
–INPUT
VIN
VCC = 5V
VREF = 5V
TA = 25°C
RSOURCE–
CYCLE TIME, tCYC (µs)
100
1k
10k
100k
100
1000
10k
LTC1090 • TPC17
10
10
+
RFILTER
CFILTER ≥ 1µF
VIN
_
RSOURCE+ (Ω)
100
0.1
1
10
1k
10k
LTC1090 • TPC18
+
RSOURCE+
VIN
_
VREF = 5V
VCC = 5V
TA = 25°C
0 TO 5V INPUT STEP


Similar Part No. - LTC1090CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1090CN LINER-LTC1090CN Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
More results

Similar Description - LTC1090CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
   Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com