Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75518GF Datasheet(PDF) 9 Page - NEC

Part # UPD75518GF
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75518GF Datasheet(HTML) 9 Page - NEC

Back Button UPD75518GF Datasheet HTML 5Page - NEC UPD75518GF Datasheet HTML 6Page - NEC UPD75518GF Datasheet HTML 7Page - NEC UPD75518GF Datasheet HTML 8Page - NEC UPD75518GF Datasheet HTML 9Page - NEC UPD75518GF Datasheet HTML 10Page - NEC UPD75518GF Datasheet HTML 11Page - NEC UPD75518GF Datasheet HTML 12Page - NEC UPD75518GF Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 180 page
background image
9
µPD75518(A)
1.2
NON-PORT PINS
Notes 1. The circuits enclosed in circles have a Schmitt-triggered input.
2. Be sure to input VSS level to this pin.
Function
Also
used as
Pin name
I/O
I
O
O
O
I/O
I/O
I/O
I
I
I
I
I
I/O
O
I
I
I
I
I
I
O
Synchronous
Asynchronous
Asynchronous
Edge detection vectored interrupt input pin
(The edge to be detected is selectable.)
Edge detection testable input pin
(An rising edge is detected.)
P13
P20
P22
P23
P01
P02
P03
P00
P10
P11
P12
P60-P63
P70-P73
P81
P82
P83
P150-P153
P80
External event pulse input pin for the timer/event counter
Timer/event counter output pin
Clock output pin
Fixed frequency output pin (for buzzer or system clock
trimming)
Serial clock I/O pin
Serial data output pin or serial bus I/O pin
Serial data input pin or serial bus I/O pin
Edge detection vectored interrupt input pin (Either a rising
or falling edge is detected.)
Parallel-falling-edge-sensitive testable input pins
Parallel-falling-edge-sensitive testable input pins
Serial clock I/O pin
Serial data output pin
Serial data input pin
Analog input pins to A/D converter
A/D converter reference voltage input pin
A/D converter reference GND pin
Pin for connection to a crystal/ceramic resonator for main
system clock generation. When external clock is used, it is
input to X1, and its inverted signal is input to X2.
Pin for connection to a crystal resonator for subsystem
clock generation. When external clock is used, it is input to
XT1, and XT2 is left open.
System reset input pin
Timer/pulse generator pulse output pin
Positive power supply pin
Ground pin
Internally connectedNote 2
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
TI0
PTO0
PCL
BUZ
SCK0
SO0/SB0
SI0/SB1
INT4
INT0
INT1
INT2
KR0-KR3
KR4-KR7
SCK1
SO1
SI1
AN0-AN3
AN4-AN7
AVREF
AVSS
X1, X2
XT1
XT2
RESET
PPO
VDD
VSS
IC
I/ONote 1
circuit
type
When reset
B
- C
E - B
E - B
E - B
F
- A
F
- B
M
- C
B
B
- C
B
- C
F
- C
F
- A
F
E
B
Y
Y - A
Z
B
E


Similar Part No. - UPD75518GF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75518GF-3B9 NEC-UPD75518GF-3B9 Datasheet
22Mb / 384P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75518GF-XXX-3B9 NEC-UPD75518GF-XXX-3B9 Datasheet
22Mb / 384P
   4 BIT SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - UPD75518GF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com