Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE75 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5KE75
Description  1500W, 6.8V - 440V Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5KE75 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1.5KE75 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5KE75 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5KE75 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5KE75 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1.5KE75 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1.5KE75 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
VMin
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
Vc(V)
of VBR(%/
oC)
1N6290
1.5KE62
62
55.8
68.2
1.0
50.2
1
17
89.0
0.104
1N6290A
1.5KE62A
62
58.9
65.1
1.0
53.0
1
18
85.0
0.104
1N6291
1.5KE68
68
61.2
74.8
1.0
55.1
1
16
98.0
0.104
1N6291A
1.5KE68A
68
64.6
71.4
1.0
58.1
1
17
92.0
0.104
1N6292
1.5KE75
75
67.5
82.5
1.0
60.7
1
14
108
0.105
1N6292A
1.5KE75A
75
71.3
78.8
1.0
64.1
1
15
103
0.105
1N6293
1.5KE82
82
73.8
90.2
1.0
66.4
1
13
118
0.105
1N6293A
1.5KE82A
82
77.9
86.1
1.0
70.1
1
13.9
113
0.105
1N6294
1.5KE91
91
81.9
100
1.0
73.7
1
12
131
0.106
1N6294A
1.5KE91A
91
86.5
95.5
1.0
77.8
1
12.6
125
0.106
1N6295
1.5KE100
100
90
110
1.0
81.0
1
10.9
144
0.106
1N6295A
1.5KE100A
100
95
105
1.0
85.5
1
11.4
137
0.106
1N6296
1.5KE110
110
99
121
1.0
89.2
1
9.9
158
0.107
1N6296A
1.5KE110A
110
105
116
1.0
94.0
1
10.3
152
0.107
1N6297
1.5KE120
120
108
132
1.0
97.2
1
9.1
173
0.107
1N6297A
1.5KE120A
120
114
126
1.0
102
1
9.5
165
0.107
1N6298
1.5KE130
130
117
143
1.0
105
1
8.4
187
0.107
1N6298A
1.5KE130A
130
124
137
1.0
111
1
8.7
179
0.107
1N6299
1.5KE150
150
135
165
1.0
121
1
7.3
215
0.108
1N6299A
1.5KE150A
150
143
158
1.0
128
1
7.6
207
0.108
1N6300
1.5KE160
160
144
176
1.0
130
1
6.8
230
0.108
1N6300A
1.5KE160A
160
152
168
1.0
136
1
7.1
219
0.108
1N6301
1.5KE170
170
153
187
1.0
138
1
6.4
244
0.108
1N6301A
1.5KE170A
170
162
179
1.0
145
1
6.7
234
0.108
1N6302
1.5KE180
180
162
198
1.0
146
1
6.1
258
0.108
1N6302A
1.5KE180A
180
171
189
1.0
154
1
6.4
246
0.108
1N6303
1.5KE200
200
180
220
1.0
162
1
5.4
287
0.108
1N6303A
1.5KE200A
200
190
210
1.0
171
1
5.7
274
0.108
1.5KE220
220
198
242
1.0
175
1
4.5
344
0.110
1.5KE220A
220
209
231
1.0
185
1
4.8
328
0.110
1.5KE250
250
225
275
1.0
202
1
4.3
360
0.110
1.5KE250A
250
237
263
1.0
214
1
4.5
344
0.110
1.5KE300
300
270
330
1.0
243
1
3.6
430
0.110
1.5KE300A
300
285
315.0
1.0
256
1
3.8
414
0.110
1.5KE350
350
315
385
1.0
284
1
3.1
504
0.110
1.5KE350A
350
333
368
1.0
300
1
3.2
482
0.110
1.5KE400
400
360
440
1.0
324
1
2.7
574
0.110
1.5KE400A
400
380
420
1.0
342
1
2.8
548
0.110
1.5KE440
440
396
484
1.0
356
1
2.4
631
0.110
1.5KE440A
440
418
462
1.0
376
1
2.5
602
0.110
Notes:
1. VBR measure after IT applied for 300 μs, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. All terms and symbols are consistent with ANSI/IEEE C62.35.
Document Number: DS_D1409026
Version: M15
1.5KE SERIES
Taiwan Semiconductor
JEDEC
TYPE
NUMBER
GENERAL
PART
NUMBER
Breakdown Voltage
VBR (V)
(Note 1)
Nominal
Voltage


Similar Part No. - 1.5KE75

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE75 PANJIT-1.5KE75 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE75 TRSYS-1.5KE75 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
1.5KE75 CHENDA-1.5KE75 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE75 SOCAY-1.5KE75 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
1.5KE75 WTE-1.5KE75 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE75

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
1.5KE6.8 FORMOSA-1.5KE6.8 Datasheet
145Kb / 6P
   1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com