Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1144C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1144C
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144C Datasheet(HTML) 1 Page - Linear Technology

  LTC1144C Datasheet HTML 1Page - Linear Technology LTC1144C Datasheet HTML 2Page - Linear Technology LTC1144C Datasheet HTML 3Page - Linear Technology LTC1144C Datasheet HTML 4Page - Linear Technology LTC1144C Datasheet HTML 5Page - Linear Technology LTC1144C Datasheet HTML 6Page - Linear Technology LTC1144C Datasheet HTML 7Page - Linear Technology LTC1144C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1144
Switched-Capacitor
Wide Input Range
Voltage Converter
with Shutdown
APPLICATI
TYPICAL
Output Voltage vs Load Current, V + = 15V
S
FEATURE
DESCRIPTIO
s
Wide Operating Supply Voltage Range: 2V to 18V
s
Boost Pin (Pin 1) for Higher Switching Frequency
s
Simple Conversion of 15V to –15V Supply
s
Low Output Resistance: 120
Ω Maximum
s
Power Shutdown to 8
µA with SHDN Pin
s
Open Circuit Voltage Conversion Efficiency:
99.9% Typical
s
Power Conversion Efficiency: 93% Typical
s
Easy to Use
The LTC1144 is a monolithic CMOS switched-capacitor
voltage converter. It performs supply voltage conversion
from positive to negative from an input range of 2V to 18V,
resulting in complementary output voltages of –2V to
–18V. Only two noncritical external capacitors are needed
for the charge pump and charge reservoir functions.
The converter has an internal oscillator that can be
overdriven by an external clock or slowed down when
connected to a capacitor. The oscillator runs at a 10kHz
frequency when unloaded. A higher frequency outside the
audio band can also be obtained if the Boost Pin is tied to
V +. The SHDN pin reduces supply current to 8
µA and can
be used to save power when the converter is not in use.
The LTC1144 contains an internal oscillator, divide-by-
two, voltage level shifter, and four power MOSFETs. A
special logic circuit will prevent the power N-channel
switch substrate from turning on.
S
APPLICATI
s
Conversion of 15V to
±15V Supplies
s
Inexpensive Negative Supplies
s
Data Acquisition Systems
s
High Voltage Upgrade to LTC1044 or 7660
s
Voltage Division and Multiplications
s
Automotive Applications
s
Battery Systems with Wall Adapter/Charger
LOAD CURRENT (mA)
010
–15
–14
–13
–12
–11
–10
40
1144 TA02
20
30
50
ROUT = 56Ω
TA = 25°C
1
2
3
4
8
7
6
5
BOOST
CAP+
GND
CAP
V+
OSC
SHDN
VOUT
+
10
µF
–15V OUTPUT
15V INPUT
LTC1144
10
µF
1144 TA01
Generating –15V from 15V


Similar Part No. - LTC1144C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1144 LINER-LTC1144 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
LTC1144 LINER-LTC1144 Datasheet
208Kb / 12P
   Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
logo
Analog Devices
LTC1144 AD-LTC1144 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Linear Technology
LTC1144 LINER-LTC1144_15 Datasheet
208Kb / 12P
   Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
More results

Similar Description - LTC1144C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1144 LINER-LTC1144_15 Datasheet
208Kb / 12P
   Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
   Switched Capacitor Voltage Inverter with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
   Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828 AD-ADM8828_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
   Switched-Capacitor Voltage Inverters with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com