Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1KSMB12A Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # 1KSMB12A
Description  1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1KSMB12A Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  1KSMB12A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1KSMB12A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1KSMB12A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1KSMB12A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1KSMB12A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1KSMB12A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied,to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or seling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1408012
Version: E15
1KSMB SERIES
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - 1KSMB12A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMB12A LITTELFUSE-1KSMB12A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB12A LITTELFUSE-1KSMB12A Datasheet
3Mb / 146P
   TVS Diode Products
More results

Similar Description - 1KSMB12A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMDJH TSC-SMDJH Datasheet
457Kb / 6P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ TSC-SMDJ Datasheet
456Kb / 6P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
PGSMAJ10A TSC-PGSMAJ10A Datasheet
213Kb / 6P
   400W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
   1000W Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
10BJ LEIDITECH-10BJ Datasheet
745Kb / 6P
   1000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
TLD8S10AH TSC-TLD8S10AH Datasheet
353Kb / 5P
   6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD6S10AH TSC-TLD6S10AH Datasheet
353Kb / 5P
   4600W, 10V ??43V Surface Mount Transient Voltage Suppressor
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com