Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1KSMB62A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1KSMB62A
Description  1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1KSMB62A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1KSMB62A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1KSMB62A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1KSMB62A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1KSMB62A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1KSMB62A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1KSMB62A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage
IT
VWM
@ VWM
Current IPPM
@ IPPM
Min
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
VC(V)
1KSMB10A
A10E
1KSMB10CA
N10E
1KSMB11A
A10F
1KSMB11CA
N10F
1KSMB12A
A10G
1KSMB12CA
N10G
1KSMB13A
A10H
1KSMB13CA
N10H
1KSMB15A
A10I
1KSMB15CA
N10I
1KSMB16A
A10J
1KSMB16CA
N10J
1KSMB18A
A10K
1KSMB18CA
N10K
1KSMB20A
A10L
1KSMB20CA
N10L
1KSMB22A
A10M
1KSMB22CA
N10M
1KSMB24A
A10N
1KSMB24CA
N10N
1KSMB27A
A10O
1KSMB27CA
N10O
1KSMB30A
A10P
1KSMB30CA
N10P
1KSMB33A
A10Q
1KSMB33CA
N10Q
1KSMB36A
A10R
1KSMB36CA
N10R
1KSMB39A
A10S
1KSMB39CA
N10S
1KSMB43A
A10T
1KSMB43CA
N10T
1KSMB47A
A10U
1KSMB47CA
N10U
1KSMB51A
A10V
1KSMB51CA
N10V
1KSMB56A
A10W
1KSMB56CA
N10W
1KSMB62A
A10X
1KSMB62CA
N10X
1KSMB68A
A10Y
1KSMB68CA
N10Y
1KSMB75A
A10Z
1KSMB75CA
N10Z
1KSMB82A
B10A
1KSMB82CA
O10A
Document Number: DS_D1408012
Version: E15
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)
64.8
Device
40.2
1.0
15.4
1KSMB SERIES
Taiwan Semiconductor
44.7
49.4
1.0
13.0
77.0
48.5
53.6
1.0
43.6
1.0
14.3
1.0
53.0
1.0
11.8
70.1
53.2
58.8
1.0
47.8
1.0
85.0
64.6
71.4
1.0
58.1
1.0
10.9
92.0
58.9
65.1
113
71.3
78.8
1.0
64.1
1.0
9.7
14.5
103
77.9
86.1
1.0
70.1
1.0
8.8
9.5
10.5
1.0
8.55
10.0
69.0
10.5
11.6
1.0
9.40
5.0
64.1
15.6
11.4
12.6
1.0
10.2
5.0
59.9
16.7
47.2
21.2
12.4
13.7
1.0
11.1
5.0
54.9
1.0
13.6
1.0
44.4
18.2
14.3
15.8
1.0
12.8
5.0
22.5
17.1
18.9
1.0
15.3
1.0
39.2
25.5
15.2
16.8
32.7
30.6
19.0
21.0
1.0
17.1
1.0
36.1
1.0
20.5
1.0
30.1
27.7
20.9
23.1
1.0
18.8
1.0
33.2
25.7
28.4
1.0
23.1
1.0
26.7
37.5
22.8
25.2
21.9
45.7
28.5
31.5
1.0
25.6
1.0
24.2
1.0
30.8
1.0
20.0
41.4
31.4
34.7
1.0
28.2
1.0
49.9
37.1
41.0
1.0
33.3
1.0
18.6
53.9
34.2
37.8
59.3
40.9
45.2
1.0
36.8
1.0
16.9


Similar Part No. - 1KSMB62A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMB62A LITTELFUSE-1KSMB62A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB62A LITTELFUSE-1KSMB62A Datasheet
3Mb / 146P
   TVS Diode Products
More results

Similar Description - 1KSMB62A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMDJH TSC-SMDJH Datasheet
457Kb / 6P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ TSC-SMDJ Datasheet
456Kb / 6P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
PGSMAJ10A TSC-PGSMAJ10A Datasheet
213Kb / 6P
   400W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Littelfuse
1KSMBJ75CA LITTELFUSE-1KSMBJ75CA Datasheet
217Kb / 4P
   1000W Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMB10J TSC-SMB10J Datasheet
186Kb / 5P
   1000W Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
10BJ LEIDITECH-10BJ Datasheet
745Kb / 6P
   1000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
TLD8S10AH TSC-TLD8S10AH Datasheet
353Kb / 5P
   6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD6S10AH TSC-TLD6S10AH Datasheet
353Kb / 5P
   4600W, 10V ??43V Surface Mount Transient Voltage Suppressor
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com