Electronic Components Datasheet Search |
|
1N4740A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
1N4740A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 7 page CREAT BY ART IZT ZZT@IZT IR mA ΩΩ mA μAV mA 1N4740A 9.50 10 10.50 25.0 7 700 0.25 10 7.6 454 1N4741A 10.45 11 11.55 23.0 8 700 0.25 5 8.4 414 1N4742A 11.40 12 12.60 21.0 9 700 0.25 5 9.1 380 1N4743A 12.35 13 13.65 19.0 10 700 0.25 5 9.9 344 1N4744A 14.25 15 15.75 17.0 14 700 0.25 5 11.4 304 1N4745A 15.20 16 16.80 15.5 16 700 0.25 5 12.2 285 1N4746A 17.10 18 18.90 14.0 20 750 0.25 5 13.7 250 1N4747A 19.00 20 21.00 12.5 22 750 0.25 5 15.2 225 1N4748A 20.90 22 23.10 11.5 23 750 0.25 5 16.7 205 1N4749A 22.80 24 25.20 10.5 25 750 0.25 5 18.2 190 1N4750A 25.65 27 28.35 9.5 35 750 0.25 5 20.6 170 1N4751A 28.50 30 31.50 8.5 40 1000 0.25 5 22.8 150 1N4752A 31.35 33 34.65 7.5 45 1000 0.25 5 25.1 135 1N4753A 34.20 36 37.80 7.0 50 1000 0.25 5 27.4 125 1N4754A 37.05 39 40.95 6.5 60 1000 0.25 5 29.7 115 1N4755A 40.85 43 45.15 6.0 70 1500 0.25 5 32.7 110 1N4756A 44.65 47 49.35 5.5 80 1500 0.25 5 35.8 95 1N4757A 48.45 51 53.55 5.0 95 1500 0.25 5 38.8 90 1N4758A 53.20 56 58.80 4.5 110 2000 0.25 5 42.6 80 1N4759A 58.90 62 65.10 4.0 125 2000 0.25 5 47.1 70 1N4760A 64.60 68 71.40 3.7 150 2000 0.25 5 51.7 65 1N4761A 71.25 75 78.75 3.3 175 2000 0.25 5 56.0 60 1N4762A 77.90 82 86.10 3.0 200 3000 0.25 5 62.2 55 1N4763A 86.45 91 95.55 2.8 250 3000 0.25 5 69.2 50 1N4764A 95.00 100 105.00 2.5 350 3000 0.25 5 76.0 45 1M110Z 104.50 110 115.50 2.3 450 4000 0.25 5 83.6 - 1M120Z 114.00 120 126.00 2.0 550 4500 0.25 5 91.2 - 1M130Z 123.50 130 136.50 1.9 700 5000 0.25 5 98.8 - 1M150Z 142.50 150 157.50 1.7 1000 6000 0.25 5 114.0 - 1M160Z 152.00 160 168.00 1.6 1100 6500 0.25 5 121.6 - 1M180Z 171.00 180 189.00 1.4 1200 7000 0.25 5 136.8 - 1M200Z 190.00 200 210.00 1.2 1500 8000 0.25 5 152.0 - Notes: 1. Tolerance and Type Number Designation. The type numbers losted have a standard tolerance on the nominal zener voltage of ±5% 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances B. Matched sets 3. Zener Voltage (Vz) Measurement. Guarantees the zener voltage when messured at 90 seconds while maintaining the lead temperature(TL) at 30°C±1°C, from the diode body 4. Zener Impedance (Zz) Derivation. The zener impedance is derives from the 60 cycle AC voltage, which results when an accurrent having and rms value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (IR) Non-Repetitive. The rating listd in the electrical chatacteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT per JEDEC registration; however, actual device capability is as described in Figure 11. Document Number: DS_D1409040 Version: L15 Min. ZZK@IZK MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted) Device (Note 1) Zener Voltage Vz@IzT V 1N4740A - 1M200Z Taiwan Semiconductor Zener Impedance Nom. (Note 2) (Note 3) Test Current Leakage Current IR@VR Max. Surge current Max. |
Similar Part No. - 1N4740A |
|
Similar Description - 1N4740A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |