Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1098I Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1098I
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098I Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1098I Datasheet HTML 2Page - Linear Technology LTC1098I Datasheet HTML 3Page - Linear Technology LTC1098I Datasheet HTML 4Page - Linear Technology LTC1098I Datasheet HTML 5Page - Linear Technology LTC1098I Datasheet HTML 6Page - Linear Technology LTC1098I Datasheet HTML 7Page - Linear Technology LTC1098I Datasheet HTML 8Page - Linear Technology LTC1098I Datasheet HTML 9Page - Linear Technology LTC1098I Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC1096/LTC1096L
LTC1098/LTC1098L
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
LTC1096L/LTC1098L
VCC = 2.65V, VREF = 2.5V, fCLK = 250kHz, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
q
1.9
V
VIL
Low Level Input Voltage
VCC = 2.65V
q
0.45
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 2.65V, IO = 10µA
q
2.3
2.64
V
VCC = 2.65V, IO = 360µA
q
2.1
2.50
V
VOL
Low Level Output Voltage
VCC = 2.65V, IO = 400µA
q
0.3
V
IOZ
Hi-Z Output Leakage
CS = High
q
±3.0
µA
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VCC
15
mA
IREF
Reference Current
CS = VCC
q
0.001
2.5
µA
tCYC ≥ 200µs, fCLK ≤ 50kHz
q
3.500
7.5
µA
tCYC = 58µs, fCLK = 250kHz
q
35.000
50.0
µA
ICC
Supply Current
CS = VCC
q
0.001
3.0
µA
LTC1096L, tCYC ≥ 200µs, fCLK ≤ 50kHz
q
40
80
µA
LTC1096L, tCYC = 58µs, fCLK = 250kHz
q
120
180
µA
LTC1098L, tCYC ≥ 200µs, fCLK ≤ 50kHz
q
44
88
µA
LTC1098L, tCYC = 58µs, fCLK = 250kHz
q
155
230
µA
AC CHARACTERISTICS
LTC1096/LTC1098
VCC = 5V, VREF = 5V, fCLK = 500kHz, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
See Operating Sequence
1.5
CLK Cycles
fSMPL(MAX) Maximum Sampling Frequency
q
33
kHz
tCONV
Conversion Time
See Operating Sequence
8
CLK Cycles
tdDO
Delay Time, CLK
↓ to DOUT Data Valid
See Test Circuits
q
200
450
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
170
450
ns
ten
Delay Time, CLK
↓ to DOUT Enable
See Test Circuits
q
60
250
ns
thDO
Time Output Data Remains Valid After CLK
CLOAD = 100pF
180
ns
tf
DOUT Fall Time
See Test Circuits
q
70
250
ns
tr
DOUT Rise Time
See Test Circuits
q
25
100
ns
CIN
Input Capacitance
Analog Inputs On Channel
25
pF
Analog Inputs Off Channel
5
pF
Digital Input
5
pF


Similar Part No. - LTC1098I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1098IN8 LINER-LTC1098IN8 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098IN8-PBF LINER-LTC1098IN8-PBF Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098IN8-TR LINER-LTC1098IN8-TR Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098IN8-TRPBF LINER-LTC1098IN8-TRPBF Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098IS8 LINER-LTC1098IS8 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1098I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L Datasheet
210Kb / 8P
   Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com