Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5237B Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5237B
Description  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5237B Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  1N5237B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5237B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5237B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5237B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5237B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5237B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5237B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5237B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
Document Number: DS_S1410003
Version: E14
1N5221B - 1N5263B
Taiwan Semiconductor
Small Signal Product
DIM.
MARKING DIAGRAM
1N
52
XX
B
PACKAGE OUTLINE DIMENSIONS
DO-35
Unit (inch)
Unit (mm)


Similar Part No. - 1N5237B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1N5237B TGS-1N5237B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5237B VISHAY-1N5237B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5237B MCC-1N5237B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Yea Shin Technology Co....
1N5237B YEASHIN-1N5237B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N5237B TAK_CHEONG-1N5237B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5237B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com