Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1092CN8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1092CN8
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1092CN8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1092CN8 Datasheet HTML 3Page - Linear Technology LTC1092CN8 Datasheet HTML 4Page - Linear Technology LTC1092CN8 Datasheet HTML 5Page - Linear Technology LTC1092CN8 Datasheet HTML 6Page - Linear Technology LTC1092CN8 Datasheet HTML 7Page - Linear Technology LTC1092CN8 Datasheet HTML 8Page - Linear Technology LTC1092CN8 Datasheet HTML 9Page - Linear Technology LTC1092CN8 Datasheet HTML 10Page - Linear Technology LTC1092CN8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC1091/LTC1092
LTC1093/LTC1094
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LTC1092/LTC1093/LTC1094
Unadjusted Offset Error vs
Reference Voltage
LTC1092/LTC1093/LTC1094
Linearity Error vs
Reference Voltage
REFERENCE VOLTAGE (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1092/2/3/4 G20
1
2
3
5
VCC = 5V
REFERENCE VOLTAGE (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1092/2/3/4 G21
1
2
3
5
VCC = 5V
REFERENCE VOLTAGE (V)
0.1
0.2
1
5
10
1091/2/3/4 G19
10
9
8
7
6
5
4
3
2
1
0
VCC = 5V
VOS = 1mV
VOS = 0.5mV
LTC1092/LTC1093/LTC1094
Change in Full-Scale Error vs
Reference Voltage
SUPPLY VOLTAGE (V)
4
1.25
1.00
0.75
0.50
0.25
0
5
67
8
1091/2/3/4 G23
910
VREF = 4V
fCLK = 500kHz
VOS = 1.25mV AT VCC = 5V
REFERENCE VOLTAGE (V)
0.1
0.2
1
5
10
1091/2/3/4 G22
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
NOISE = 200
µVP-P
SUPPLY VOLTAGE (V)
4
1.25
1.00
0.75
0.50
0.25
0
5
67
8
1091/2/3/4 G24
910
VREF = 4V
fCLK = 500kHz
LTC1092/LTC1093/LTC1094
Linearity Error vs Supply Voltage
LTC1092/LTC1093/LTC1094
Offset Error vs Supply Voltage
LTC1092/LTC1093/LTC1094
Noise Error vs Reference Voltage
LTC1092/LTC1093/LTC1094
Change in Full-Scale Error vs
Supply Voltage
SUPPLY VOLTAGE (V)
4
0.50
0.25
0
– 0.25
–0.50
–0.75
5
67
8
1091/2/3/4 G25
910
VREF = 4V
fCLK = 500kHz
SUPPLY VOLTAGE (V)
4
5
67
8
1091/2/3/4 G26
910
6
5
4
3
2
1
0
VREF OPEN
fCLK = 500kHz
CS = VCC
TA = 25°C
AMBIENT TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
50
1091/2/3/4 G27
–25
0
25
75
125
100
VREF OPEN
fCLK = 500kHz
CS = 5V
VCC = 5V
LTC1092/LTC1093/LTC1094
Supply Current vs Supply Voltage
LTC1092/LTC1093/LTC1094
Supply Current vs Temperature


Similar Part No. - LTC1092CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1092 LINER-LTC1092_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
More results

Similar Description - LTC1092CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1092 LINER-LTC1092_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1091 LINER-LTC1091_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1093 LINER-LTC1093_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
LTC1094 LINER-LTC1094_15 Datasheet
287Kb / 32P
   1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
logo
National Semiconductor ...
ADC0851 NSC-ADC0851 Datasheet
581Kb / 36P
   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Texas Instruments
ADC0851 TI1-ADC0851 Datasheet
798Kb / 38P
[Old version datasheet]   8-Bit Analog Data Acquisition and Monitoring Systems
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com