Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1156C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1156C
Description  Quad High Side Micropower MOSFET Driver with Internal Charge Pump
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1156C Datasheet(HTML) 3 Page - Linear Technology

  LTC1156C Datasheet HTML 1Page - Linear Technology LTC1156C Datasheet HTML 2Page - Linear Technology LTC1156C Datasheet HTML 3Page - Linear Technology LTC1156C Datasheet HTML 4Page - Linear Technology LTC1156C Datasheet HTML 5Page - Linear Technology LTC1156C Datasheet HTML 6Page - Linear Technology LTC1156C Datasheet HTML 7Page - Linear Technology LTC1156C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1156
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Both VS pins (3 and 8) must be connected together, and both
ground pins (1 and 6) must be connected together.
Note 2: Quiescent current OFF is for all channels in OFF condition.
Note 3: Quiescent current ON is per driver and is measured independently.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Standby Supply Current
SUPPLY VOLTAGE (V)
0
4
6
10
12
14
24
18
5
10
LTC1156 G03
8
20
22
16
15
20
SUPPLY VOLTAGE (V)
0
0
100
300
400
500
1000
700
5
10
1156 G02
200
800
900
600
15
20
ONE INPUT = ON
OTHER INPUTS = OFF
TJ = 25°C
Supply Current per Channel ON
High Side Gate Voltage
Standby Supply Current
Supply Current per Channel ON
Low Side Gate Voltage
SUPPLY VOLTAGE (V)
0
18
24
30
8
1158 G06
12
6
0
2
4
6
10
27
21
15
9
3
SUPPLY VOLTAGE (V)
0
0
10
30
40
50
100
70
5
10
LTC1156 G01
20
80
90
60
15
20
VIN1 = VIN2 = VIN3 = VIN4 = 0V
TJ = 25°C
TEMPERATURE (°C)
–50
0
10
30
40
50
100
70
0
50
75
1156 G04
20
80
90
60
25
25
100
125
VS = 18V
VS = 5V
VIN1 = VIN2 = VIN3 = VIN4 = 0V
TEMPERATURE (°C)
–50
0
100
300
400
500
1000
700
0
50
75
1156 G05
200
800
900
600
25
25
100
125
VS = 18V
VS = 5V
ONE INPUT = ON
OTHER INPUTS = OFF
VS = 4.5V to 18V, TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOFF
Turn-OFF Time
VS = 5V, CGATE = 1000pF
Time for VGATE < 1V
10
36
60
µs
VS = 12V, CGATE = 1000pF
Time for VGATE < 1V
10
26
60
µs
tSC
Short Circuit Turn-OFF Time
VS = 5V, CGATE = 1000pF
Time for VGATE < 1V
5
16
30
µs
VS = 12V, CGATE = 1000pF
Time for VGATE < 1V
5
16
30
µs
ELECTRICAL C
C
HARA TERISTICS


Similar Part No. - LTC1156C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1156 LINER-LTC1156 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
More results

Similar Description - LTC1156C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Microchip Technology
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
   High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
logo
Aimtron Technology
AT1310 AIMTRON-AT1310 Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
logo
Advanced Analogic Techn...
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com