Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1307B Datasheet(PDF) 10 Page - Linear Technology

Part # LT1307B
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307B Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1307B_15 Datasheet HTML 6Page - Linear Technology LT1307B_15 Datasheet HTML 7Page - Linear Technology LT1307B_15 Datasheet HTML 8Page - Linear Technology LT1307B_15 Datasheet HTML 9Page - Linear Technology LT1307B_15 Datasheet HTML 10Page - Linear Technology LT1307B_15 Datasheet HTML 11Page - Linear Technology LT1307B_15 Datasheet HTML 12Page - Linear Technology LT1307B_15 Datasheet HTML 13Page - Linear Technology LT1307B_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1307/LT1307B
1307fa
To eliminate the low frequency noise of Figure 6, the
LT1307 can be replaced with the LT1307B. Figure 9
details the spectral noise at the output of Figure 1’s circuit
using an LT1307B at 5mA load. Although spectral energy
is present at 333kHz due to alternate pulse skipping, all
Burst Mode operation spectral components are gone.
Alternate pulse skipping can be eliminated by increasing
inductance.
FREQUENCY COMPENSATION
Obtaining proper values for the frequency compensation
network is largely an empirical, iterative procedure, since
variations in input and output voltage, topology, capacitor
value and ESR, and inductance make a simple formula
elusive. As an example, consider the case of a 1.25V to
3.3V boost converter supplying 50mA. To determine
optimum compensation, the circuit is built and a transient
load is applied to the circuit. Figure 10 shows the setup.
away from 455kHz. Figure 8 shows the noise spectrum of
the converter with the load increased to 20mA. The
LT1307 shifts out of Burst Mode operation, eliminating
low frequency ripple. Spectral energy is present only at
the switching fundamental and its harmonics. Noise
voltage measures – 5dBmVRMS or 560µVRMS at the
575kHz switching frequency, and is below – 60dBmVRMS
for all other frequencies in the range. By combining Burst
Mode with fixed frequency operation, the LT1307 keeps
noise away from 455kHz.
VIN
VOUT
FB
1307 • F10
GND
SW
1
µF
10
µH
MBR0520L
C
R
590k
1M
50
66
3300
1.25V
VC
10
µF*
*CERAMIC
SHDN
LT1307
Figure 10. Boost Converter with Simulated Load
Figure 11a details transient response without compensa-
tion components. Although the output ripple voltage at a
1mA load is low, allowing the error amplifier to operate
wideband results in excessive ripple at a 50mA load. Some
kind of loop stabilizing network is obviously required. A
100k/22nF series RC is connected to the VC pin, resulting
in the response pictured in Figure 11b. The output settles
in about 7ms to 8ms. This may be acceptable, but we can
do better. Reducing C to 2nF gives Figure 11c’s response.
This is clearly in the right direction. After another order of
magnitude reduction, Figure 11d’s response shows some
FREQUENCY (kHz)
205
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
LT1307 • F09
455
705
Figure 9. LT1307B at 5mA Load Shows No Audio Components
or Sidebands About Switching Frequency, 333kHz
Fundamental Amplitude is –10dBmV, or 316
µVRMS
FREQUENCY (kHz)
255
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
455
1307 F08
655
RBW = 100Hz
Figure 8. With Converter Delivering 20mA, Low Frequency
Sidebands Disappear. Noise is Present Only at the 575kHz
Switching Frequency
APPLICATIO S I FOR ATIO


Similar Part No. - LT1307B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1307BCMS8 LINER-LT1307BCMS8 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307BCS8 LINER-LT1307BCS8 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307BIS8 LINER-LT1307BIS8 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
More results

Similar Description - LT1307B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com