Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1339 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1339
Description  High Power Synchronous DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 5 Page - Linear Technology

  LT1339_15 Datasheet HTML 1Page - Linear Technology LT1339_15 Datasheet HTML 2Page - Linear Technology LT1339_15 Datasheet HTML 3Page - Linear Technology LT1339_15 Datasheet HTML 4Page - Linear Technology LT1339_15 Datasheet HTML 5Page - Linear Technology LT1339_15 Datasheet HTML 6Page - Linear Technology LT1339_15 Datasheet HTML 7Page - Linear Technology LT1339_15 Datasheet HTML 8Page - Linear Technology LT1339_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1339
sn1339 1339fas
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
9
8
7
6
25
75
1339 G10
–25
0
50
100
125
Soft Start Charge Current
vs Temperature
RUN/SHDN Threshold Hysteresis
vs Temperature
TEMPERATURE (
°C)
–50
26
25
24
23
22
21
20
25
75
1339 G12
–25
0
50
100
125
TEMPERATURE (
°C)
–50
1.26
1.25
1.24
1.23
1.22
1.21
1.20
25
75
1339 G11
–25
0
50
100
125
RUN/SHDN Rising Threshold
vs Temperature
BOTTOM GATE CAPACITANCE (pF)
1000
10000
1339 G13
2500
5000
7500
160
140
120
100
80
60
40
20
0
FALL TIME
RISE TIME
TA = 25°C
Bottom Gate Transition Times vs
Bottom Gate Capacitance
Top Gate Transition Times vs
Top Gate Capacitance
TOP GATE CAPACITANCE (pF)
1000
10000
1339 G14
2500
5000
7500
300
250
200
150
100
50
0
FALL TIME
RISE TIME
TA = 25°C
VSENSE(CM) (V)
0
45
60
1339 G15
1
2
3
160
150
140
130
120
110
100
90
80
UPPER LIMIT
FULL OPERATING
TEMPERATURE RANGE
TYPICAL
LOWER LIMIT
Average Current Limit Threshold
Sense Voltage Tolerance vs
Common Mode Voltage
12VIN Supply Current vs
Supply Voltage
12VIN SUPPLY VOLTAGE (V)
10
15
14
1339 G16
11
12
13
30
28
26
24
22
20
18
16
14
CBG = 1000pF
CBG = 3300pF
CBG = 4700pF
CBG = 10000pF
fO = 100kHz
TA = 25°C
Boost Supply Current vs
12VIN Supply Voltage
12VIN SUPPLY VOLTAGE (V)
10
15
14
1339 G17
11
12
13
18
16
14
12
10
8
6
4
2
CTG = 1000pF
CTG = 3300pF
CTG = 4700pF
CTG = 10000pF
fO = 100kHz
TA = 25°C


Similar Part No. - LT1339_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1339C LINER-LT1339C Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
LT1339CN LINER-LT1339CN Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
LT1339CSW LINER-LT1339CSW Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
LT1339I LINER-LT1339I Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
LT1339IN LINER-LT1339IN Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
More results

Similar Description - LT1339_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1339 LINER-LT1339 Datasheet
415Kb / 20P
   High Power Synchronous DC/DC Controller
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806 Datasheet
241Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806_15 Datasheet
219Kb / 20P
   Synchronous Flyback DC/DC Controller
logo
Fairchild Semiconductor
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
   Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com